Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9522-2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9522-2
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-2 Datasheet(HTML) 3 Page - Analog Devices

  AD9522-2 Datasheet HTML 1Page - Analog Devices AD9522-2 Datasheet HTML 2Page - Analog Devices AD9522-2 Datasheet HTML 3Page - Analog Devices AD9522-2 Datasheet HTML 4Page - Analog Devices AD9522-2 Datasheet HTML 5Page - Analog Devices AD9522-2 Datasheet HTML 6Page - Analog Devices AD9522-2 Datasheet HTML 7Page - Analog Devices AD9522-2 Datasheet HTML 8Page - Analog Devices AD9522-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
AD9522-2
Rev. 0 | Page 3 of 84
Reset Modes .................................................................................48
 
Power-On Reset.......................................................................48
 
Hardware Reset via the RESET Pin ......................................48
 
Soft Reset via the Serial Port..................................................48
 
Soft Reset to Settings in EEPROM When EEPROM Pin = 0
via the Serial Port ....................................................................48
 
Power-Down Modes ...................................................................48
 
Chip Power-Down via PD .....................................................48
 
PLL Power-Down....................................................................49
 
Distribution Power-Down .....................................................49
 
Individual Clock Output Power-Down................................49
 
Individual Clock Channel Power-Down .............................49
 
Serial Control Port ..........................................................................50
 
SPI/I2C Port Selection ................................................................50
 
I2C Serial Port Operation...........................................................50
 
I2C Bus Characteristics...........................................................50
 
Data Transfer Process .............................................................51
 
Data Transfer Format .............................................................52
 
I2C Serial Port Timing............................................................52
 
SPI Serial Port Operation...........................................................53
 
Pin Descriptions......................................................................53
 
SPI Mode Operation...............................................................53
 
Communication Cycle—Instruction Plus Data..................53
 
Write .........................................................................................53
 
Read ..........................................................................................53
 
SPI Instruction Word (16 Bits)..................................................54
 
SPI MSB/LSB First Transfers .....................................................54
 
EEPROM Operations .....................................................................57
 
Writing to the EEPROM ............................................................57
 
Reading from the EEPROM ......................................................57
 
Programming the EEPROM Buffer Segment..........................58
 
Register Section Definition Group.......................................58
 
IO_UPDATE (Operational Code 0x80) ..............................58
 
End-of-Data (Operational Code 0xFF) ...............................58
 
Pseudo-End-of-Data (Operational Code 0xFE).................58
 
Thermal Performance.....................................................................60
 
Register Map ....................................................................................61
 
Register Map Descriptions.............................................................66
 
Applications Information...............................................................80
 
Frequency Planning Using the AD9522 ..................................80
 
Using the AD9522 Outputs for ADC Clock Applications ....80
 
LVDS Clock Distribution...........................................................80
 
CMOS Clock Distribution.........................................................81
 
Outline Dimensions........................................................................82
 
Ordering Guide ...........................................................................82
 
REVISION HISTORY
11/08—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com