Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5203 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 5203
Description  4A SCRs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

5203 Datasheet(HTML) 1 Page - STMicroelectronics

  5203 Datasheet HTML 1Page - STMicroelectronics 5203 Datasheet HTML 2Page - STMicroelectronics 5203 Datasheet HTML 3Page - STMicroelectronics 5203 Datasheet HTML 4Page - STMicroelectronics 5203 Datasheet HTML 5Page - STMicroelectronics 5203 Datasheet HTML 6Page - STMicroelectronics 5203 Datasheet HTML 7Page - STMicroelectronics 5203 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
®
TS420 Series
SENSITIVE
4A SCRs
September 2000 - Ed: 3
MAIN FEATURES:
DESCRIPTION
Thanks to highly sensitive triggering levels, the
TS420 series is suitable for all applications where
the available gate current is limited, such as motor
control for hand tools, kitchen aids, overvoltage
crowbar protection for low power supplies, ...
Available
in
through-hole
or
surface-mount
packages, they provide an optimized performance
in a limited space area.
Symbol
Value
Unit
IT(RMS)
4A
VDRM/VRRM
600 and 700
V
IGT
200
µA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tl = 115°C
4
A
IT(AV)
Average on-state current (180° conduction angle)
Tl = 115°C
2.5
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
33
A
tp = 10 ms
30
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
4.5
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
1.2
A
PG(AV)
Average gate power dissipation
Tj = 125°C
0.2
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
G
A
K
DPAK
(TS420-B)
A
A
K
G
A
A
K
G
A
G
A
K
IPAK
(TS420-H)
TO-220AB
(TS420-T)


Similar Part No. - 5203

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5203 POMONA-5203 Datasheet
24Kb / 1P
Die Cast Box With Card Guides Size L, Unpainted
logo
Carclo Technical Plasti...
5203 COIL-5203 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Molex Electronics Ltd.
52030-0429 MOLEX7-52030-0429 Datasheet
137Kb / 2P
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 4 Circuits, Lead-free
52030-0529 MOLEX7-52030-0529 Datasheet
137Kb / 2P
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 5Circuits, Lead-free
52030-0629 MOLEX7-52030-0629 Datasheet
137Kb / 2P
1.00mm (.039") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF Receptacle, 6Circuits, Lead-free
More results

Similar Description - 5203

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X04 STMICROELECTRONICS-X04 Datasheet
205Kb / 5P
4A SCRS
Sep-2000
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
4A SENSITIVE SCRs
logo
Tiger Electronic Co.,Lt...
X0402DE TGS-X0402DE Datasheet
80Kb / 1P
4A SCRS
logo
Nell Semiconductor Co.,...
4PT06AI-S NELLSEMI-4PT06AI-S Datasheet
199Kb / 6P
Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT_14 Datasheet
475Kb / 7P
Sensitive gate SCRs, 4A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
Sensitive gate SCRs, 4A
logo
Kersemi Electronic Co.,...
TS420-600B KERSEMI-TS420-600B Datasheet
469Kb / 8P
4A SCRs
logo
Zibo Seno Electronic En...
X0405 ZSELEC-X0405 Datasheet
264Kb / 4P
4A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com