Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5203 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 5203
Description  4A SCRs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

5203 Datasheet(HTML) 2 Page - STMicroelectronics

  5203 Datasheet HTML 1Page - STMicroelectronics 5203 Datasheet HTML 2Page - STMicroelectronics 5203 Datasheet HTML 3Page - STMicroelectronics 5203 Datasheet HTML 4Page - STMicroelectronics 5203 Datasheet HTML 5Page - STMicroelectronics 5203 Datasheet HTML 6Page - STMicroelectronics 5203 Datasheet HTML 7Page - STMicroelectronics 5203 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS420 Series
2/8
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
THERMAL RESISTANCES
S = copper surface under tab
PRODUCT SELECTOR
ORDERING INFORMATION
Symbol
Test Conditions
TS420
Unit
IGT
VD = 12 V
RL = 33 Ω
MAX.
200
µA
VGT
MAX.
0.8
V
VGD
VD = VDRM
RL = 3.3 kΩ RGK = 220 Ω
Tj = 125°C
MIN.
0.1
V
VRG
IRG = 10 µA
MIN.
8V
IH
IT = 50 mA
RGK = 1 kΩ
MAX.
5
mA
IL
IG = 1 mA
RGK = 1 kΩ
MAX.
6
mA
dV/dt
VD = 67 % VDRM
RGK = 220 Ω
Tj = 125°C
MIN.
5
V/µs
VTM
ITM = 8 A
tp = 380 µs
Tj = 25°C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
90
m
Ω
IDRM
IRRM
VDRM = VRRM
RGK = 220 Ω
Tj = 25°C
MAX.
5
µA
Tj = 125°C
1
mA
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
3.0
°C/W
Rth(j-a)
Junction to ambient (DC)
S = 0.5 cm²
DPAK
70
°C/W
IPAK
100
TO-220AB
60
Part Number
Voltage (xxx)
Sensitivity
Package
600 V
700 V
TS420-xxxB
X
X
200 µA
DPAK
TS420-xxxH
X
X
200 µA
IPAK
TS420-xxxT
X
X
200 µA
TO-220AB
PACKING MODE
Blank: Tube
-TR: DPAK tape & reel
VOLTAGE:
600: 600V
700: 700V
SENSITIVITY:
20: 200µA
CURRENT: 4A
SCR
SERIES
PACKAGE:
B: DPAK
H: IPAK
T: TO-220AB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com