Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5203 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 5203
Description  4A SCRs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

5203 Datasheet(HTML) 4 Page - STMicroelectronics

  5203 Datasheet HTML 1Page - STMicroelectronics 5203 Datasheet HTML 2Page - STMicroelectronics 5203 Datasheet HTML 3Page - STMicroelectronics 5203 Datasheet HTML 4Page - STMicroelectronics 5203 Datasheet HTML 5Page - STMicroelectronics 5203 Datasheet HTML 6Page - STMicroelectronics 5203 Datasheet HTML 7Page - STMicroelectronics 5203 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TS420 Series
4/8
Fig. 4: Relative variation of gate trigger current
and holding current versus junction temperature.
Fig. 5: Relative variation of holding current
versus gate-cathode resistance (typical values).
Fig. 6: Relative variation of dV/dt immunity
versus gate-cathode resistance (typical values).
Fig. 7: Relative variation of dV/dt immunity
versus gate-cathode resistance (typical values).
Fig. 8: Surge peak on-state current versus
number of cycles.
Fig. 9:
Non-repetitive surge
peak on-state
current
for
a
sinusoidal
pulse
with
width
tp < 10 ms, and corresponding values of I²t.
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IGT,IH,IL [Tj] / IGT ,IH,IL [Tj = 25 °C]
IGT
IH & IL
Rgk = 1k
Ω
Tj(°C)
IH[Rgk] / IH[Rgk = 1k ]
Ω
Rgk(k
Ω)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.01
0.10
1.00
10.00
Tj=125°C
VD=0.67xVDRM
dV/dt[Rgk] / dV/dt [Rgk = 220 ]
Ω
Rgk(
Ω)
0
2
4
6
8
10
12
14
16
18
20
22
0
2
4
6
8
10
VD = 0.67 x VDRM
Tj = 125 °C
Rgk = 220
Ω
dV/dt[Cgk] / dV/dt [Rgk = 220
Ω]
Cgk(nF)
1
10
100
1000
0
5
10
15
20
25
30
35
ITSM(A)
Non repetitiv e
Tj initial = 25 °C
Repetitive
Tcase = 115 °C
Number of cycles
One cycle
tp = 10ms
0.01
0.10
1.00
10.00
1
10
100
300
ITSM(A),I 2t(A2s)
Tj initial = 25 °C
ITSM
I2t
dI/dt
limitattion
tp(ms)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com