Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4817-1ACPZ-R2
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4817-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADA4817-1/ADA4817-2
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
PD = Quiescent Power + (Total Drive Power – Load Power)
(1)
Table 3.
Parameter
Rating
Supply Voltage
10.6 V
Power Dissipation
See Figure 3
()
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
–
2
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
×
=
(2)
Common-Mode Input Voltage
−VS − 0.5 V to +VS + 0.5 V
Differential Input Voltage
±V
S
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +105°C
Lead Temperature
(Soldering, 10 sec)
300°C
Junction Temperature
150°C
RMS output voltages should be considered. If RL is referenced
to −VS, as in single-supply operation, the total drive power is
VS × IOUT. If the rms signal levels are indeterminate, consider the
worst-case scenario, when VOUT = VS/4 for RL to midsupply.
() (
)
L
S
S
S
D
R
V
I
V
P
2
4
/
+
×
=
(3)
In single-supply operation with RL referenced to −VS, worst-
case situation is VOUT = VS/2.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Airflow increases heat dissipation, effectively reducing θJA.
More metal directly in contact with the package leads and
exposed paddle from metal traces, throughholes, ground,
and power planes also reduces θJA.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the exposed paddle
LFCSP_VD (single 94°C/W) and LFCSP_VQ (dual 64°C/W)
package on a JEDEC standard 4-layer board. θJA values are
approximations.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for a device soldered in circuit board for surface-
mount packages.
3.5
0
–40
AMBIENT TEMPERATURE (°C)
3.0
2.5
2.0
1.5
1.0
0.5
–30 –20 –10 0
10 20 30 40 50 60 70 80 90 100
ADA4817-1
ADA4817-2
Table 4.
Package Type
θJA
θJC
Unit
LFCSP_VD (ADA4817-1)
94
29
°C/W
LFSCP_VQ (ADA4817-2)
64
14
°C/W
MAXIMUM SAFE POWER DISSIPATION
The maximum safe power dissipation for the ADA4817-1/
ADA4817-2 are limited by the associated rise in junction
temperature (TJ) on the die. At approximately 150°C (which is
the glass transition temperature), the properties of the plastic
change. Even temporarily exceeding this temperature limit may
change the stresses that the package exerts on the die,
permanently shifting the parametric performance of the
ADA4817. Exceeding a junction temperature of 175°C for an
extended period can result in changes in silicon devices,
potentially causing degradation or loss of functionality.
Figure 3. Maximum Safe Power Dissipation vs. Ambient Temperature for a
4-Layer Board
ESD CAUTION
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the die
due to the ADA4817-1/ADA4817-2 drive at the output. The
quiescent power is the voltage between the supply pins (VS)
multiplied by the quiescent current (IS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com