Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ACPZ-R2 Datasheet (PDF) - Analog Devices

ADA4817-1ACPZ-R2 Datasheet PDF - Analog Devices
Part # ADA4817-1ACPZ-R2
Download  ADA4817-1ACPZ-R2 Download
File Size   525.01 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, 1 GHz FastFET Op Amps

ADA4817-1ACPZ-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4817-1ACPZ-R2 Datasheet PDF - Analog Devices

Part # ADA4817-1ACPZ-R2
Download  ADA4817-1ACPZ-R2 Click to download

File Size   525.01 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, 1 GHz FastFET Op Amps

ADA4817-1ACPZ-R2 Datasheet (HTML) - Analog Devices


ADA4817-1ACPZ-R2 Product details

GENERAL DESCRIPTION

The ADA4817-1 (single) and ADA4817-2 (dual) FastFET™ amplifiers are unity-gain stable, ultrahigh speed voltage feedback amplifiers with FET inputs. These amplifiers were developed with the Analog Devices, Inc., proprietary eXtra Fast Complementary Bipolar (XFCB) process, which allows the amplifiers to achieve ultralow noise (4 nV/√Hz; 2.5 fA/√Hz) as well as very high input impedances.

With 1.3 pF of input capacitance, low noise (4 nV/√Hz), low offset voltage (2 mV maximum), and 1050 MHz −3 dB band width, the ADA4817-1/ADA4871-2 are ideal for data acquisition front ends as well as wideband transimpedance applications, such as photodiode preamps.



FEATURES

High speed

−3 dB bandwidth (G = 1, RL = 100 Ω): 1050 MHz Slew rate: 870 V/µs 0.1% settling time: 9 ns

Low input bias current: 2 pA

Low input capacitance

  Common-mode capacitance: 1.3 pF

  Differential-mode capacitance: 0.1 pF

Low noise

  4 nV/√Hz @ 100 kHz

  2.5 fA/√Hz @ 100 kHz

Low distortion

  −90 dBc @ 10 MHz (G = 1, RL = 1 kΩ)

Offset voltage: 2 mV maximum

High output current: 40 mA

Supply current per amplifier: 19 mA

Power-down supply current per amplifier: 1.5 mA



APPLICATIONS

Photodiode amplifiers

Data acquisition front ends

Instrumentation

Filters

ADC drivers

CCD output buffers



 




Similar Part No. - ADA4817-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4817-1ACPZ-R2 AD-ADA4817-1ACPZ-R2 Datasheet
543Kb / 28P
Low Noise, 1 GHz FastFET Op Amps
REV. B
ADA4817-1ACPZ-R2 AD-ADA4817-1ACPZ-R2 Datasheet
624Kb / 25P
Low Noise, 1 GHz FastFET Op Amps
Rev. C
More results


Similar Description - ADA4817-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033 AD-AD8033 Datasheet
374Kb / 20P
Low Cost, 80 MHz FastFET ??Op Amps
9/08-Rev. C to Rev. D
AD8065 AD-AD8065 Datasheet
364Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
2/04-Data Sheet Changed from Rev. D to Rev. E.
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
ADA4817-1ARDZ AD-ADA4817-1ARDZ Datasheet
543Kb / 28P
Low Noise, 1 GHz FastFET Op Amps
REV. B
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
ADA4817-1 AD-ADA4817-1_16 Datasheet
624Kb / 25P
Low Noise, 1 GHz FastFET Op Amps
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com