Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4817-1ACPZ-R2
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4817-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4817-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADA4817-1/ADA4817-2
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±5 V, G = 1, (RF = 348 Ω for G > 1), RL = 100 Ω to ground, small signal VOUT = 100 mV p-p, large signal VOUT = 2 V p-p,
unless noted otherwise.
6
–12
100k
10G
FREQUENCY (Hz)
1M
10M
100M
1G
3
0
–3
–6
–9
G= 1, SINGLE
G= 1, DUAL
G = 2
G=5
Figure 6. Small Signal Frequency Response for Various Gains
6
–12
100k
1G
FREQUENCY (Hz)
1M
10M
100M
1G
3
0
–3
–6
–9
VS =10V
VS =5V
Figure 7. Small Signal Frequency Response for Various Supplies
9
–9
100k
10G
FREQUENCY (Hz)
1M
10M
100M
1G
6
3
0
–3
–6
CL =2.2pF
CL =6.6pF
CL =4.4pF
CL =0pF
G = 2
RF =274Ω
Figure 8. Small Signal Frequency Response for Various CL
–12
100k
10G
FREQUENCY (Hz)
1M
10M
100M
1G
3
0
–3
–6
–9
G = 2
G = 1, DUAL
G = 5
G=1, SINGLE
Figure 9. Large Signal Frequency Response for Various Gains
6
–12
100k
10G
FREQUENCY (Hz)
1M
10M
100M
1G
3
0
–3
–6
–9
VS = 10V
VOUT = 2V p-p
VS =5V
VOUT = 1V p-p
Figure 10. Large Signal Frequency Response for Various Supplies
9
–9
100k
10G
FREQUENCY (Hz)
1M
10M
100M
1G
6
3
0
–3
–6
RF = 274Ω
RF = 348Ω
RF = 200Ω
G = 2
Figure 11. Small Signal Frequency Response for Various RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com