Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4856-3YCPZ-R7
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4856-3YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Single-Supply, High Speed, Fixed G = +2,
Rail-to-Rail Output Video Amplifier
ADA4856-3
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Voltage feedback architecture
Rail-to-rail output swing: 0.1 V to 4.9 V
High speed amplifier
−3 dB bandwidth: 225 MHz
0.1 dB flatness at 2 V p-p: 74 MHz
Slew rate: 800 V/μs
Settling time to 0.1% with 2 V step: 5 ns
High input common-mode voltage range
−VS − 0.2 V to +VS − 1 V
Supply range: 3 V to 5.5 V
Differential gain error: 0.01%
Differential phase error: 0.01°
Low power
7.8 mA/amplifier typical supply current
Power-down feature
Available in 16-lead LFCSP
APPLICATIONS
Professional video
Consumer video
Imaging
Instrumentation
Base stations
Active filters
Buffers
CONNECTION DIAGRAM
1
2
+IN2
NC
PD
NC
3
4
11 OUT2
12 +VS
10 –IN2
9
56
7
8
16
15
14
13
+VS
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD CONNECTED TO –VS.
ADA4856-3
Figure 1.
GENERAL DESCRIPTION
The ADA4856-3 (triple) is a fixed gain of +2, single-supply, rail-
to-rail output video amplifier. It provides excellent video
performance with 225 MHz, −3 dB bandwidth, 800 V/μs slew rate,
and 74 MHz, 0.1 dB flatness into a 150 Ω load. It has a wide
input common-mode voltage range that extends 0.2 V below
ground and 1 V below the positive rail. In addition, the output
voltage swings within 200 mV of either supply, making this video
amplifier easy to use on single-supply voltages as low as 3.3 V.
The ADA4856-3 offers a typical low power of 7.8 mA per amplifier,
while being capable of delivering up to 52 mA of load current.
It also features a power-down function for power sensitive
applications that reduces the supply current to 1 mA.
The ADA4856-3 is available in a 16-lead LFCSP and is designed
to work over the extended industrial temperature range of
−40°C to +105°C.
7
6
5
4
3
2
1
0
1
10
100
1000
FREQUENCY (MHz)
VS = 3.3V, VOUT = 2V p-p
VS = 5V, VOUT = 1.4V p-p
VS = 5V, VOUT = 2V p-p
RL = 150Ω
VS = 3.3V, VOUT = 1.4V p-p
Figure 2. Large Signal Frequency Response


Similar Part No. - ADA4856-3YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4856-3YCPZ-R7 AD-ADA4856-3YCPZ-R7 Datasheet
573Kb / 21P
Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
Rev. B
ADA4856-3YCPZ-R7 AD-ADA4856-3YCPZ-R7 Datasheet
498Kb / 20P
Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
Rev. B
More results

Similar Description - ADA4856-3YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
SN10501 TI-SN10501 Datasheet
553Kb / 23P
HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
logo
New Japan Radio
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
SN10502 NSC-SN10502 Datasheet
1Mb / 32P
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Texas Instruments
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
SN10501 TI1-SN10501_16 Datasheet
1Mb / 34P
HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Analog Devices
ADA4856-3 AD-ADA4856-3_16 Datasheet
573Kb / 21P
Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com