Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4856-3YCPZ-R7
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4856-3YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4856-3
Rev. 0 | Page 14 of 20
USING THE ADA4856-3 IN GAINS EQUAL TO +3,
+4, AND +5
Depending on certain applications, it might be useful to have a
fixed gain amplifier that can provide various gains. The advantage
of having a fixed gain amplifier is the ease of layout, the reduced
number of components needed, and the matching of the gain
and feedback resistors.
Gain of +3 Configuration
Figure 37 shows the ADA4856-3 used as an amplifier with a
fixed gain of +3. No external resistors are required, just a simple
trace connecting certain inputs and outputs. Connect VIN to U1,
which is set to a gain of +2, and U2, which is set to unity. U3 then
takes the output of U1 and gains it up by +2 and subtracts the
output of U2 to produce VOUT. As shown in Figure 40, the large
signal frequency response for G = +3 is flat out to 65 MHz, with a
bandwidth of 165 MHz, a 2 V p-p output voltage, and a 100 Ω load.
ADA4856-3
PD
16
15
14
13
567
12
11
10
9
1
2
3
4
0.1µF
0.1µF
0.1µF
10µF
0.1µF
+
10µF
–VS
–VS
+VS
+VS
VOUT
VIN
8
Figure 37. Gain of +3
Gain of +4 Configuration
To get a gain of +4, set one amplifier to a gain of +1 and set the
other two amplifiers to a gain of +2. Figure 38 shows VIN going in
U2 at unity, then U1 takes the output of U2 and gains it by +2, and
then feeds it to U3, which also gains it by +2 to produce VOUT.
ADA4856-3
PD
16
15
14
13
567
12
11
10
9
1
2
3
4
0.1µF
0.1µF
0.1µF
10µF
0.1µF
+
10µF
–VS
–VS
+VS
+VS
VOUT
VIN
8
Figure 38. Gain of +4
As shown in Figure 40, the large signal frequency response
for G = +4 is also flat out to 65 MHz, and it has a bandwidth
of 180 MHz.
Gain of+ 5 Configuration
The gain of +5 is very similar to the G = +3 configuration but with
U2 set to a gain of −1, which ends up being added to twice the
output of U1 to generate VOUT with G = +5.
ADA4856-3
PD
16
15
14
13
56
7
12
11
10
9
1
2
3
4
0.1µF
0.1µF
0.1µF
10µF
0.1µF
+
10µF
–VS
–VS
+VS
+VS
VOUT
VIN
8
Figure 39. Gain of +5
Figure 40 shows the large signal frequency response of the three
closed-loop gain sets (+3, +4, and +5) with flatness that extends
to 65 MHz and a −3 dB bandwidth of 150 MHz.
–18
–15
–12
–9
–6
–3
0
3
6
9
12
15
1
10
100
1000
FREQUENCY (MHz)
G = +5
G = +4
G = +3
RL = 100Ω
VS = 5V
VOUT = 2V p-p
Figure 40. Large Signal Frequency Response for All Three Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com