Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4856-3YCPZ-R7
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4856-3YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4856-3
Rev. 0 | Page 10 of 20
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
TIME (10ns/DIV)
CL = 2.2pF
CL = 4.4pF
CL = 6.6pF
VS = 3.3V
Figure 23. Small Signal Transient Response vs. Capacitive Load
4
3
2
1
0
–1
–2
–3
–4
TIME (50ns/DIV)
2 × VIN
VOUT
Figure 24. Output Overdrive Recovery
3.0
2.5
VPD
VOUT
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
TIME (1us/DIV)
Figure 25. Turn-On/Turn-Off Time
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
TIME (10ns/DIV)
CL = 2.2pF
CL = 4.4pF
CL = 6.6pF
VS = 3.3V
Figure 26. Large Signal Transient Response vs. Capacitive Load
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
TIME (50ns/DIV)
2 × VIN
VOUT
VS = 3.3V
Figure 27. Output Overdrive Recovery
23.6
23.4
23.0
22.6
23.2
22.8
22.2
22.4
22.0
–40 –25 –10
5
20
TEMPERATURE (°C)
35
65
80
110 125
50
95
21.8
VS = 5V
VS = 3.3V
Figure 28. Quiescent Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com