Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4858-3ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4858-3ACPZ-R7
Description  Single-Supply, High Speed, Triple Op Amp with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4858-3ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4858-3ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4858-3
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, G = 2, RF = 301 Ω, RF = 402 Ω for G = 1, RF = 200 Ω for G = 5, RL = 150 Ω, large signal VOUT = 2 V p-p, small signal VOUT = 0.1 V p-p,
and T = 25ºC, unless otherwise noted.
2
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
1000
FREQUENCY (MHz)
G = 1
G = 2
G = 5
2
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
1000
FREQUENCY (MHz)
G = 1
G = 2
G = 5
Figure 4. Small Signal Frequency Response vs. Gain
Figure 7. Large Signal Frequency Response vs. Gain
2
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
1000
FREQUENCY (MHz)
VS = 3.3V
G = 1
G = 2
G = 5
2
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
1000
FREQUENCY (MHz)
VS = 3.3V
G = 1
G = 2
G = 5
Figure 5. Small Signal Frequency Response vs. Gain
Figure 8. Large Signal Frequency Response vs. Gain
2
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
1000
FREQUENCY (MHz)
RF = 200Ω
RF = 301Ω
RF = 402Ω
RF = 499Ω
2
–8
–7
–6
–5
–4
–3
–2
–1
0
1
1
10
100
1000
FREQUENCY (MHz)
RF = 200Ω
RF = 301Ω
RF = 402Ω
RF = 499Ω
Figure 6. Small Signal Frequency Response vs. Feedback Resistor
Figure 9. Large Signal Frequency Response vs. Feedback Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com