Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4858-3ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4858-3ACPZ-R7
Description  Single-Supply, High Speed, Triple Op Amp with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4858-3ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4858-3ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADA4858-3
Rev. 0 | Page 15 of 16
PD (POWER-DOWN) PIN
The ADA4858-3 is equipped with a PD (power-down) pin for
all three amplifiers. This allows the user the ability to reduce the
quiescent supply current when an amplifier is not active. The
power-down threshold levels are derived from ground level.
The amplifiers are powered down when the voltage applied to
the PD pin is greater than a certain voltage from ground. In a
5 V supply application, the voltage is greater than 2 V, and in a
3.3 V supply application, the voltage is greater than 1.5 V. The
amplifier is enabled whenever the PD pin is left floating (not
connected). If the PD pin is not used, it is best to leave it floating
or connected to ground. Note that the power-down feature does
not control the charge pump output voltage and current.
Table 6. Power-Down Voltage Control
PD Pin
5 V
3.3 V
Not
Active
<1.5 V
<1 V
Active
>2 V
>1.5 V
POWER SUPPLY BYPASSING
Careful attention must be paid to bypassing the power supply
pins of the ADA4858-3. High quality capacitors with low
equivalent series resistance (ESR), such as multilayer ceramic
capacitors (MLCCs), should be used to minimize supply voltage
ripple and power dissipation. A large, usually tantalum,
capacitor between 2.2 μF to 47 μF located in proximity to the
ADA4858-3 is required to provide good decoupling for lower
frequency signals. The actual value is determined by the circuit
transient and frequency requirements. In addition, 0.1 μF MLCC
decoupling capacitors should be located as close to each of the
power supply pins and across from both supplies as is physically
possible, no more than 1/8-inch away. The ground returns
should terminate immediately into the ground plane. Locating
the bypass capacitor return close to the load return minimizes
ground loops and improves performance.
LAYOUT
As is the case with all high speed applications, careful attention
to printed circuit board (PCB) layout details prevents associated
board parasitics from becoming problematic. The ADA4858-3
can operate at up to 600 MHz; therefore, proper RF design
techniques must be employed. The PCB should have a ground
plane covering all unused portions of the component side of the
board to provide a low impedance return path. Removing the
ground plane on all layers from the area near and under the
input and output pins reduces stray capacitance. Signal lines
connecting the feedback and gain resistors should be kept as
short as possible to minimize the inductance and stray
capacitance associated with these traces. Termination resistors
and loads should be located as close as possible to their respective
inputs and outputs. Input and output traces should be kept as
far apart as possible to minimize coupling (crosstalk) through
the board. Adherence to microstrip or stripline design techniques
for long signal traces (greater than 1 inch) is recommended. For
more information on high speed board layout, see “A Practical
Guide to High-Speed Printed-Circuit-Board Layout”, Analog
Dialogue, Volume 39, Number 3, September 2005 at
www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com