Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4858-3ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4858-3ACPZ-R7
Description  Single-Supply, High Speed, Triple Op Amp with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4858-3ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4858-3ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4858-3ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADA4858-3
Rev. 0 | Page 14 of 16
APPLICATIONS INFORMATION
GAIN CONFIGURATIONS
The ADA4858-3 is a single-supply, high speed, voltage feedback
amplifier. Table 5 provides a convenient reference for quickly
determining the feedback and gain set resistor values and band-
width for common gain configurations.
Table 5. Recommended Values and Frequency Performance1
Gain
RF (Ω)
RG (Ω)
Small Signal
−3 dB BW (MHz)
Large Signal 0.1 dB
Flatness (MHz)
1
402
N/A
600
88
2
249
249
450
95
5
200
40
160
35
1 Conditions: VS = 5 V, TA = 25°C, RL = 150 Ω.
Figure 38 and Figure 39 show the typical noninverting and
inverting configurations and the recommended bypass
capacitor values.
+VS
VIN
VOUT
ADA4858-3
+
–
10µF
0.1µF
RG
RF
Figure 38. Noninverting Gain
Configuration
+VS
VIN
VOUT
ADA4858-3
–
+
10µF
0.1µF
RG
RF
Figure 39. Inverting Gain
Configuration
DC-COUPLED VIDEO SIGNAL
The ADA4858-3 does not have a rail-to-rail output stage. The
output can be within 1 V of the rails. Having a charge pump
on-board that can provide −3 V on a +5 V supply and −2 V on
+3.3 V supply makes this part excellent for video applications. In
dc-coupled applications, the black color has a 0 V voltage reference.
This means that the output voltage should be able to reach 0 V,
which is feasible with the presence of the charge pump. Figure 40
shows the schematic of a dc-coupled, single-supply application.
It is similar to dual-supply application, where the input is properly
terminated with a 50 Ω resistor to ground. The amplifier itself is
set at a gain of 2 to account for the input termination loss.
The choice of RF and RG should be carefully considered for
maximum flatness vs. power dissipation trade-off. In this case,
the flatness is over 90 MHz, which is more than the high
definition video requirement.
5V
VIN
VOUT
ADA4858-3
U1
+
–
C1
10µF
C2
0.1µF
R4
75Ω
R3
249Ω
R5
75Ω
R2
249Ω
R1
75Ω
–VS
Figure 40. DC-Coupled, Single-Supply Schematic
MULTIPLE VIDEO DRIVER
In applications requiring that multiple video loads be driven
simultaneously, the ADA4858-3 can deliver 5 V supply operation.
Figure 41 shows the ADA4858-3 configured with two video
loads, and Figure 42 shows the two video load performances.
+VS
ADA4858-3
–
+
10µF
0.1µF
RF
249Ω
RG
249Ω
75Ω
CABLE
VIN
75Ω
VOUT1
75Ω
75Ω
CABLE
75Ω
VOUT2
75Ω
75Ω
CABLE
75Ω
Figure 41. Video Driver Schematic for Two Video Loads
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
1
10
100
1000
FREQUENCY (MHz)
RL = 150Ω
RL = 75Ω
VS = 5V
RF = 301Ω
G = 2
VOUT = 2V p-p
Figure 42. Large Signal Frequency Response for Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com