Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4872 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4872
Description  RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4872 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4872 Datasheet HTML 16Page - STMicroelectronics TS4872 Datasheet HTML 17Page - STMicroelectronics TS4872 Datasheet HTML 18Page - STMicroelectronics TS4872 Datasheet HTML 19Page - STMicroelectronics TS4872 Datasheet HTML 20Page - STMicroelectronics TS4872 Datasheet HTML 21Page - STMicroelectronics TS4872 Datasheet HTML 22Page - STMicroelectronics TS4872 Datasheet HTML 23Page - STMicroelectronics TS4872 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
TS4872
20/29
APPLICATION INFORMATION
Fig. 80 : Demoboard Schematic
Fig. 81 : Flip Chip Demoboard Components
Side
Fig. 82 : Flip Chip Demoboard Top Layer
1
7
3
5
8
4
Vin-
Vin+
-
+
-
+
Bypass
Standby
Bias
6
Vout1
Vout2
Av=-1
TS4872
Vcc
2
+
470µ
S6
OUT1
S3
GND
S4
GND
S7
C10
+
470µ
C9
C7
100n
C6
100µ
+
R1
R2
C2
C1
C8
100n
C12
1u
S8
Standby
S5
Positive Input mode
R6
Pos input
J3
Neg. input
J2
C4
R5
R4
C5
R3
C3
GND
S2
Vcc
S1
Vcc
Pos input
J4
Neg. input
J1
C11
1u
R7
100k
Vcc
U1
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com