Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4872 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4872
Description  RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4872 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4872 Datasheet HTML 20Page - STMicroelectronics TS4872 Datasheet HTML 21Page - STMicroelectronics TS4872 Datasheet HTML 22Page - STMicroelectronics TS4872 Datasheet HTML 23Page - STMicroelectronics TS4872 Datasheet HTML 24Page - STMicroelectronics TS4872 Datasheet HTML 25Page - STMicroelectronics TS4872 Datasheet HTML 26Page - STMicroelectronics TS4872 Datasheet HTML 27Page - STMicroelectronics TS4872 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
TS4872
24/29
Then
So, we could use for Cfeed a 220pF capacitor
value that gives 24kHz.
Now, we can calculate the value of Cb with the
formula
τb = 50kΩxCb >> τin = (Rin+Rfeed)xCin
which permits to reduce the pop and click effects.
Then Cb >> 0.8
µF.
We can choose for Cb a normalized value of 2.2
µF
that gives good results in THD+N and PSRR.
In the following tables, you could find three another
examples with values required for the demoboard.
Remark : components with (*) marking are
optional.
Application n°1 : 20Hz to 20kHz bandwidth and
6dB gain BTL power amplifier.
Components :
Application n°2 : 20Hz to 20kHz bandwidth and
20dB gain BTL power amplifier.
Components :
Application n°3 : 50Hz to 10kHz bandwidth and
10dB gain BTL power amplifier.
Components :
Designator
Part Type
R1
22k / 0.125W
R4
22k / 0.125W
R6
Short Cicuit
R7
330k / 0.125W
C5
470nF
C6
100
µF
C7
100nF
C9
Short Circuit
C10
Short Circuit
C12
1
µF
S1, S2, S6, S7
2mm insulated Plug
10.16mm pitch
S8
2 pts connector 2.54mm
pitch
J1
SMB plug
U1
TS4872IJ
C FEED =
1
2
π RFEEDFCH
--------------------------------------- = 265pF
Designator
Part Type
R1
110k / 0.125W
R4
22k / 0.125W
R6
Short Cicuit
R7
330k / 0.125W
C5
470nF
C6
100
µF
C7
100nF
C9
Short Circuit
C10
Short Circuit
C12
1
µF
S1, S2, S6, S7
2mm insulated Plug
10.16mm pitch
S8
2 pts connector 2.54mm
pitch
J1
SMB Plug
U1
TS4872IJ
Designator
Part Type
R1
33k / 0.125W
R2
Short Circuit
R4
22k / 0.125W
R6
Short Cicuit
R7
330k / 0.125W
C2
470pF
C5
150nF
C6
100
µF
C7
100nF
C9
Short Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com