Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4927-1YCPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4927-1YCPZ-R2
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-1YCPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4927-1YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADA4927-1/ADA4927-2
Rev. 0 | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = 5 V, −VS = −5 V, VOCM = 0 V, RG = 301 Ω, RF = 301 Ω, RT = 56.2 Ω (when used), RL, dm = 1 kΩ, unless otherwise noted.
Refer to Figure 43 for basic test setup. Refer to Figure 46 for signal definitions.
3
0
–3
–6
–9
–12
1
10
100
1k
10k
FREQUENCY (MHz)
VOUT, dm = 100mV p-p
G = 1, RF = 301Ω
G = 10, RF = 442Ω
G = 20, RF = 604Ω
Figure 7. Small Signal Frequency Response for Various Gains
3
0
–3
–6
–9
1
10
100
1k
10k
FREQUENCY (MHz)
VOUT, dm = 100mV p-p
VS = ±5V
VS = ±2.5V
Figure 8. Small Signal Frequency Response for Various Supplies
3
0
–3
–6
–9
–12
1
10
100
1k
10k
FREQUENCY (MHz)
VOUT, dm = 100mV p-p
TA +25°C
TA +105°C
TA –40°C
Figure 9. Small Signal Frequency Response for Various Temperatures
3
0
–3
–6
–9
–12
1
10
100
1k
10k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
G = 1, RF = 301Ω
G = 10, RF = 442Ω
G = 20, RF = 604Ω
Figure 10. Large Signal Frequency Response for Various Gains
3
0
–3
–6
–9
10
100
1k
10k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
VS = ±5V
VS = ±2.5V
Figure 11. Large Signal Frequency Response for Various Supplies
3
0
–3
–6
–9
–12
1
10
100
1k
10k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
TA +25°C
TA +105°C
TA –40°C
Figure 12. Large Signal Frequency Response for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com