Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4927-1YCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4927-1YCPZ-R2
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-1YCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4927-1YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADA4927-1/ADA4927-2
Rev. 0 | Page 11 of 24
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
HD2, RL = 1kΩ
HD3, RL = 1kΩ
HD2, RL = 200Ω
HD3, RL = 200Ω
Figure 19. Harmonic Distortion vs. Frequency at Various Loads
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
HD2, VS = ±5V
HD3, VS = ±5V
HD2, VS = ±2.5V
HD3, VS = ±2.5V
Figure 20. Harmonic Distortion vs. Frequency at Various Supplies
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–1.2 –1.0 –0.8 –0.6 –0.4 –0.2
0
0.2
0.4 0.6 0.8 1.0 1.2
VOCM (V)
VOUT, dm = 2V p-p
HD2, 10MHz
HD3, 10MHz
Figure 21. Harmonic Distortion vs. VOCM at 10 MHz, ±2.5 V Supplies
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
10
100
1k
FREQUENCY (MHz)
VOUT, dm = 2V p-p
HD2, G = 1
HD3, G = 1
HD2, G = 10
HD3, G = 10
HD2, G = 20
HD3, G = 20
Figure 22. Harmonic Distortion vs. Frequency at Various Gains
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
0
1
23
4
5
67
8
9
VOUT, dm (V p-p)
VOUT, dm = 2V p-p
HD2, VS = ±5V
HD3, VS = ±5V
HD2, VS = ±2.5V
HD3, VS = ±2.5V
Figure 23. Harmonic Distortion vs. VOUT, dm and Supply Voltage, f = 10 MHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
–4
–3
–2
–1
0
1
2
3
4
VOCM (V)
VOUT, dm = 2V p-p
HD2, 10MHz
HD3, 10MHz
Figure 24. Harmonic Distortion vs. VOCM at 10 MHz, ±5 V Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com