Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4927-1YCPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4927-1YCPZ-R2
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-1YCPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4927-1YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 23Page - Analog Devices ADA4927-1YCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADA4927-1/ADA4927-2
Rev. 0 | Page 23 of 24
HIGH PERFORMANCE ADC DRIVING
The ADA4927 is ideally suited for high gain, broadband ac-
coupled and differential-to-differential applications on a single
supply, though other applications are possible. Compared with
voltage feedback amplifiers, the current feedback architecture
provides superior distortion and bandwidth performance at
high gains. This is because the ideal current feedback amplifier
loop gain depends only on the feedback value and open-loop
transimpedance, T(s).
The circuit in Figure 58 shows a front-end connection for an
ADA4927 driving an AD9445, 14-bit, 105 MSPS ADC, with ac
coupling on the ADA4927 input and output. (The AD9445
achieves its optimum performance when driven differentially.)
The ADA4927 eliminates the need for a transformer to drive
the ADC and performs a single-ended-to-differential conversion
and buffering of the driving signal.
The ADA4927 is configured with a single 5 V supply and gain
of 10 for a single-ended input to differential output. The 158 Ω
termination resistor, in parallel with the single-ended input
impedance of approximately 73.2 Ω, provides a 50 Ω termination
for the source. The additional 38.3 Ω at the inverting input closely
matches the parallel impedance of the 50 Ω source and the
termination resistor driving the noninverting input. Because of the
high gain, a few iterations of the termination technique described
in the Terminating a Single-Ended Input section are required.
Two objectives of the design are to make RF close to 500 Ω and
obtain resistor values that are close to standard 1% values.
In this example, the signal generator has a 1 V p-p symmetric,
ground-referenced bipolar output when terminated in 50 Ω.
The VOCM pin of the ADA4927 is bypassed for noise reduction
and left floating such that the internal divider sets the output
common-mode voltage nominally at midsupply. Because the
inputs are ac-coupled, no dc common-mode current flows in
the feedback loops, and a nominal dc level of midsupply is
present at the amplifier input terminals. Besides placing the
amplifier inputs at their optimum levels, the ac coupling technique
lightens the load on the amplifier and dissipates less power than
applications with dc-coupled inputs.
The output of the amplifier is ac-coupled to the ADC through a
second-order, low-pass filter with a cutoff frequency of 100 MHz.
This reduces the noise bandwidth of the amplifier and isolates
the driver outputs from the ADC inputs.
The AD9445 is configured for a 2 V p-p full-scale input by
connecting the SENSE pin to AGND, as shown in Figure 58.
VIN–
VIN+
47pF
30nH
30nH
24.3Ω
24.3Ω
50Ω
SIGNAL
GENERATOR
39.2Ω
39.2Ω
VOCM
5V
ADA4927
+
158Ω
511Ω
38.3Ω
511Ω
14
BUFFER T/H
ADC
CLOCK/
TIMING
REF
SENSE
AGND
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
AD9445
3.3V (A)
AVDD1
5V (A)
AVDD2
3.3V (D)
DRVDD
Figure 58. ADA4927 Driving an AD9445 ADC with AC-Coupled Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com