Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4927-1YCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4927-1YCPZ-R7
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-1YCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4927-1YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADA4927-1/ADA4927-2
Rev. 0 | Page 5 of 24
+5 V OPERATION
TA = 25°C, +VS = 5 V, −VS = 0 V, VOCM = 2.5 V, RF = 301 Ω, RG = 301 Ω, RT = 56.2 Ω (when used), RL, dm = 1 kΩ, unless otherwise noted.
All specifications refer to single-ended input and differential outputs, unless otherwise noted. Refer to Figure 46 for signal definitions.
±DIN to VOUT, dm Performance
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
VOUT, dm = 0.1 V p-p
2000
MHz
−3 dB Large Signal Bandwidth
VOUT, dm = 2.0 V p-p
1300
MHz
Bandwidth for 0.1 dB Flatness
VOUT, dm = 0.1 V p-p, ADA4927-1
150
MHz
VOUT, dm = 0.1 V p-p, ADA4927-2
110
MHz
Slew Rate
VOUT, dm = 2 V step, 25% to 75%
4200
V/μs
Settling Time to 0.1%
VOUT, dm = 2 V step
10
ns
Overdrive Recovery Time
VIN = 0 V to 0.15 V step, G = 10
10
ns
NOISE/HARMONIC PERFORMANCE
See Figure 45 for distortion test circuit
Second Harmonic
VOUT, dm = 2 V p-p, 10 MHz
−104
dBc
VOUT, dm = 2 V p-p, 70 MHz
−91
dBc
VOUT, dm = 2 V p-p, 100 MHz
−86
dBc
Third Harmonic
VOUT, dm = 2 V p-p, 10 MHz
−95
dBc
VOUT, dm = 2 V p-p, 70 MHz
−80
dBc
VOUT, dm = 2 V p-p, 100 MHz
−76
dBc
IMD
f1 = 70 MHz, f2 = 70.1 MHz, VOUT, dm = 2 V p-p
−93
dBc
f1 = 140 MHz, f2 = 140.1 MHz, VOUT, dm = 2 V p-p
−84
dBc
Voltage Noise (RTI)
f = 100 kHz, G = 28
1.4
nV/√Hz
Input Current Noise
f = 100 kHz, G = 28
19
pA/√Hz
Crosstalk
f = 100 MHz, ADA4927-2
−75
dB
INPUT CHARACTERISTICS
Offset Voltage
VIP = VIN = VOCM = 0 V
−1.3
+0.3
+1.3
mV
tMIN to tMAX variation
±1.5
μV/°C
Input Bias Current
−30
−12
+4.0
μA
tMIN to tMAX variation
±0.12
μA/°C
Input Offset Current
−10.5
−0.8
+10.5
μA
Input Resistance
Differential
14
Ω
Common mode
120
kΩ
Input Capacitance
Differential
0.5
pF
Input Common-Mode Voltage Range
1.3
3.7
V
CMRR
∆VOUT, dm/∆VIN, cm, ∆VIN, cm = ±1 V
−70
−96
dB
Open-Loop Transresistance
DC
120
185
kΩ
OUTPUT CHARACTERISTICS
Output Voltage Swing
Each single-ended output
+1.0
+4.0
V
Linear Output Current
50
mA p-p
Output Balance Error
∆VOUT, cm/∆VOUT, dm, ∆VOUT, dm = 1 V, 10 MHz,
see Figure 44 for test circuit
−65
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com