Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4927-1YCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4927-1YCPZ-R7
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-1YCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4927-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADA4927-1/ADA4927-2
Rev. 0 | Page 18 of 24
Table 12. Differential Input, DC-Coupled
Nominal Gain (dB)
RF (Ω)
RG (Ω)
RIN, dm (Ω)
Differential Output Noise Density (nV/√Hz)
0
301
301
602
8.0
20
442
44.2
88.4
21.8
26
604
30.1
60.2
37.9
Table 13. Single-Ended Ground-Referenced Input, DC-Coupled, RS = 50 Ω
Nominal Gain (dB)
RF (Ω)
RG1 (Ω)
RT (Ω)
RIN, cm (Ω)
RG2 (Ω)1
Differential Output Noise Density (nV/√Hz)
0
309
301
56.2
401
328
8.1
20
511
39.2
158
73.2
77.2
18.6
26
806
28
649
54.2
74.4
29.1
1 RG2 = RG1 + (RS||RT).
Similar to the case of a conventional op amp, the output noise
voltage densities can be estimated by multiplying the input-
referred terms at +IN and −IN by the appropriate output factor,
where:
(
)
2
1
N
β
β
G
+
=
2
is the circuit noise gain.
G1
F1
G1
1
R
R
R
β
+
=
and
G2
F2
G2
2
R
R
R
β
+
=
are the feedback factors.
When the feedback factors are matched, RF1/RG1 = RF2/RG2,
β1 = β2 = β, and the noise gain becomes
G
F
N
R
R
β
G
+
=
=
1
1
Note that the output noise from VOCM goes to zero in this case.
The total differential output noise density, vnOD, is the root-sum-
square of the individual output noise terms.
∑
=
=
8
1
i
2
nOi
nOD
v
v
Table 12 and Table 13 list several common gain settings, associated
resistor values, input impedance, and output noise density for
both balanced and unbalanced input configurations.
IMPACT OF MISMATCHES IN THE FEEDBACK
NETWORKS
As previously mentioned, even if the external feedback networks
(RF/RG) are mismatched, the internal common-mode feedback
loop still forces the outputs to remain balanced. The amplitudes
of the signals at each output remain equal and 180° out of phase.
The input-to-output differential mode gain varies proportionately
to the feedback mismatch, but the output balance is unaffected.
The gain from the VOCM pin to VO, dm is equal to
2(β1 − β2)/(β1 + β2)
When β1 = β2, this term goes to zero and there is no differential
output voltage due to the voltage on the VOCM input (including
noise). The extreme case occurs when one loop is open and the
other has 100% feedback; in this case, the gain from VOCM input
to VO,dm is either +2 or −2, depending on which loop is closed.
The feedback loops are nominally matched to within 1% in
most applications, and the output noise and offsets due to the
VOCM input are negligible. If the loops are intentionally mismatched
by a large amount, it is necessary to include the gain term from
VOCM to VO, dm and account for the extra noise. For example, if
β1 = 0.5 and β2 = 0.25, the gain from VOCM to VO, dm is 0.67. If the
VOCM pin is set to 2.5 V, a differential offset voltage is present at the
output of (2.5 V)(0.67) = 1.67 V. The differential output noise
contribution is (15 nV/√Hz)(0.67) = 10 nV/√Hz. Both of these
results are undesirable in most applications; therefore, it is best
to use nominally matched feedback factors.
Mismatched feedback networks also result in a degradation of
the ability of the circuit to reject input common-mode signals,
much the same as for a four-resistor difference amplifier made
from a conventional op amp.
As a practical summarization of the previous issues, resistors of
1% tolerance produce a worst-case input CMRR of approximately
40 dB, a worst-case differential-mode output offset of 25 mV
due to a 2.5 V VOCM input, negligible VOCM noise contribution,
and no significant degradation in output balance error.
CALCULATING THE INPUT IMPEDANCE FOR AN
APPLICATION CIRCUIT
The effective input impedance of a circuit depends on whether
the amplifier is being driven by a single-ended or differential
signal source. For balanced differential input signals, as shown
in Figure 48, the input impedance (RIN, dm) between the inputs
(+DIN and −DIN) is simply RIN, dm = RG + RG = 2 × RG.
+VS
–VS
ADA4927
+IN
–IN
RF
RF
+DIN
–DIN
VOCM
RG
RG
VOUT, dm
Figure 48. The ADA4927 Configured for Balanced (Differential) Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com