Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4927-1YCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4927-1YCPZ-R7
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-1YCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4927-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4927-1YCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADA4927-1/ADA4927-2
Rev. 0 | Page 13 of 24
–50
–60
–70
–30
–40
–80
1
10
100
1k
FREQUENCY (MHz)
RL, dm = 200Ω
Figure 31. Output Balance vs. Frequency
–30
–40
–50
0
–10
–20
–60
–70
1
10
100
1k
FREQUENCY (MHz)
S11
S22
RL, dm = 200Ω
INPUT SINGLE-ENDED, 50Ω LOAD TERMINATION
OUTPUT DIFFERENTIAL, 100Ω SOURCE TERMINATION
S11: COMMON-MODE-TO-COMMON-MODE
S22: DIFFERENTIAL-TO-DIFFERENTIAL
Figure 32. Return Loss (S11, S12) vs. Frequency
100
10
1
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 33. Voltage Noise Spectral Density, Referred to Input
1k
100
10
1
0.1
50
0
–50
–100
–150
–200
10
100
1k
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
MAGNITUDE
PHASE
Figure 34. Open-Loop Transimpedance Magnitude and Phase vs. Frequency
35
30
25
20
15
10
5
0
–5
–10
0.1
1
10
100
1k
FREQUENCY (MHz)
VOP,VS = ±5V
VON, VS = ±5V
VOP, VS = ±2.5V
VON, VS = ±2.5V
Figure 35. Closed-Loop Output Impedance Magnitude vs. Frequency at
Various Supplies, G = 1
10
5
0
–5
–10
0
1020
30
40
5060
70
80
90
100
TIME (ns)
VIN × 10
VOUT, dm
Figure 36. Overdrive Recovery, G = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com