Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304 Datasheet(PDF) 49 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 44Page - Analog Devices ADATE304 Datasheet HTML 45Page - Analog Devices ADATE304 Datasheet HTML 46Page - Analog Devices ADATE304 Datasheet HTML 47Page - Analog Devices ADATE304 Datasheet HTML 48Page - Analog Devices ADATE304 Datasheet HTML 49Page - Analog Devices ADATE304 Datasheet HTML 50Page - Analog Devices ADATE304 Datasheet HTML 51Page - Analog Devices ADATE304 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
ADATE304
Rev. 0 | Page 49 of 52
2.5 + DUTGND
10kΩ
225kΩ
2µA
20µA
200µA
2mA
22.5kΩ
2.25kΩ
250Ω
CRA = 220pF
FFCAP_xA
FFCAP_xB
MV
15.5Ω
DUTx
REF
IN-AMP G = 5
MEASOUT01 SELECT DATA[2:1]
(ADDR[4:0] = 0x0F)
PMU FORCE V/I DATA[3]
(ADDR[4:0] = 0x0E)
PMU INPUT SELECTION DATA[9:8]
(ADDR[4:0] = 0x0E)
PMU CLAMP ENABLE DATA[5]
(ADDR[4:0] = 0x0E)
PMU SENSE PATH DATA[7]
(ADDR[4:0] = 0x0E)
EXTERNAL DUT
SENSE PIN
PMU MEASURE V/I DATA[4]
(ADDR[4:0] = 0x0E)
CH[1] PMU V/I
MUX
MUX
MUX
MUX
MUX
VCH
VCL
MEASURE V
(AT OUTPUT OF
SENSE MUX)
NOTES
1. SWITCHES CONNECTED WITH DOTTED LINES REPRESENT PMU RANGE DATA[2:0] (ADDR[4:0] = 0x0E); WHEN PMU ENABLE D ATA[2] = 0 (ADDR[4:0] = 0x0C), ALL
SWITCHES OPEN AND PMU POWERS DOWN.
2. THE EXTERNAL SENSE PATH MUST CLOSE THE LOOP TO ENABLE THE CLAMPS TO OPERATE CORRECTLY.
3. 32mA RANGE HAS ITS OWN OUTPUT BUFFER.
4. 32mA BUFFER TRISTATES WHEN NOT IN USE.
330pF
SCAPx
(EXTERNAL)
32mA
32mA BUFFER
TEMP SENSE
GND REF
MEASURE V
MEASURE I
TEMP SENSE
VIN
2.5V + DUTGND
DUTGND
MEASURE
OUT
MEASOUT01 OUTPUT
ENABLE DATA[0]
(ADDR[4:0] = 0x0F)
ONE PER DEVICE
Figure 79. PMU Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com