Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304 Datasheet(PDF) 28 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 24Page - Analog Devices ADATE304 Datasheet HTML 25Page - Analog Devices ADATE304 Datasheet HTML 26Page - Analog Devices ADATE304 Datasheet HTML 27Page - Analog Devices ADATE304 Datasheet HTML 28Page - Analog Devices ADATE304 Datasheet HTML 29Page - Analog Devices ADATE304 Datasheet HTML 30Page - Analog Devices ADATE304 Datasheet HTML 31Page - Analog Devices ADATE304 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
ADATE304
Rev. 0 | Page 28 of 52
0
–10
–20
–30
–40
–50
–60
–70
10
12
3
4
5
6
7
8
PULSEWIDTH (ns)
9 10
1V POS
1V NEG
Figure 33. Comparator Minimum Pulse Width, 1.0 V
100
75
50
25
0
–25
–50
0.5
1.0
1.5
2.0
2.5
INPUT SLEWRATE (10%-90%) (ns)
RISING
FALLING
TOTAL
Figure 34. Comparator Slew Rate Dispersion, Input Swing = 1.5 V,
Comparator Threshold = 0.75 V
1.8
1.4
1.6
1.2
1.0
0.8
0.6
0.4
0.2
0
0
5
10
15
20
25
30
35
40
45
50
TIME (ns)
Figure 35. Comparator Output Waveform, COMP_QH0P, COMP_QH0N
0.6
0.4
0.2
0
–0.4
–0.2
–0.6
–0.8
–1.0
–1.4
–1.2
–1.6
–2
–1
01
234
567
PROGRAMMED THRESHOLD VOLTAGE (V)
Figure 36. Comparator Threshold Linearity
–2.5
–2.6
–2.7
–2.8
–2.9
–3.0
–3.1
–3.2
–2
–1
0
1
2
3
4
5
INPUT COMMON-MODE VOLTAGE (V)
Figure 37. Differential Comparator CMRR
15
10
5
0
–10
–5
–15
–2
–1
0
1
2
3
4
5
6
VDUTx (V)
Figure 38. Active Load Commutation Response; VCOM = 2.0 V;
IOH = IOL = 12 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com