Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304 Datasheet(PDF) 3 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 3 Page - Analog Devices

  ADATE304 Datasheet HTML 1Page - Analog Devices ADATE304 Datasheet HTML 2Page - Analog Devices ADATE304 Datasheet HTML 3Page - Analog Devices ADATE304 Datasheet HTML 4Page - Analog Devices ADATE304 Datasheet HTML 5Page - Analog Devices ADATE304 Datasheet HTML 6Page - Analog Devices ADATE304 Datasheet HTML 7Page - Analog Devices ADATE304 Datasheet HTML 8Page - Analog Devices ADATE304 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
ADATE304
Rev. 0 | Page 3 of 52
FUNCTIONAL BLOCK DIAGRAM
16-BIT DAC
PMU
PMU_FLAG
MUX
*
MUX
*
WINDOW
DIFF.
C
*
VHH
DRV
14-BIT DAC
OVD
TEMPERATURE
SENSOR
*
VOL
VOH
C
C
OTHER CHANNEL
DUT1
ROUT
(TRIMMED)
VCLAMPH
VCLAMPL
IOL
IOH
VCOM
SPI
*
50Ω
100Ω
100Ω
VH
VT
VL
CH1
CH1
DAC16_MON
MEASOUT01
PMUS_CH0
DATA0P
DATA0N
RCV0P
RCV0N
COMP_QH0P
COMP_VTT0
COMP_QH0N
COMP_QL0P
TEMPSENSE
HVOUT
DUT0
OVD_CH0
COMP_QL0N
SDIN
RST
SCLK
CS
SDOUT
ADATE304
G
*
MUX
*ONE PER DEVICE.
*
Figure 1. One of Two Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com