Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS486-4 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS486-4
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS486-4 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS486-4 Datasheet HTML 16Page - STMicroelectronics TS486-4 Datasheet HTML 17Page - STMicroelectronics TS486-4 Datasheet HTML 18Page - STMicroelectronics TS486-4 Datasheet HTML 19Page - STMicroelectronics TS486-4 Datasheet HTML 20Page - STMicroelectronics TS486-4 Datasheet HTML 21Page - STMicroelectronics TS486-4 Datasheet HTML 22Page - STMicroelectronics TS486-4 Datasheet HTML 23Page - STMicroelectronics TS486-4 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
TS486-TS487
20/31
Fig. 63: THD + N vs Output Power
Fig. 65: THD + N vs Output Power
Fig. 67: THD + N vs Frequency
Fig. 64: THD + N vs Output Power
Fig. 66: THD + N vs Frequency
Fig. 68: THD + N vs Frequency
1
10
100
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Vcc=2V
RL = 16
Ω
F = 20kHz
Av = -2
Cb = 1
µF
BW < 125kHz
Tamb = 25
°C
Output Power (mW)
0.01
0.1
1
1E-3
0.01
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Vcc=2V
RL = 600
Ω, F = 20kHz
Av = -2, Cb = 1
µF
BW < 125kHz, Tamb = 25
°C
Output Voltage (Vrms)
100
1000
10000
0.01
0.1
Vcc=2V, Po=6mW
Vcc=5V, Po=55mW
RL=32
Ω
Av=-2
Cb = 1
µF
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
1
10
100
0.1
1
10
Vcc=5V
Vcc=3.3V
Vcc=2.5V
Vcc=2V
RL = 32
Ω
F = 20kHz
Av = -2
Cb = 1
µF
BW < 125kHz
Tamb = 25
°C
Output Power (mW)
100
1000
10000
0.01
0.1
Vcc=2V, Po=7.5mW
Vcc=5V, Po=85mW
RL=16
Ω
Av=-2
Cb = 1
µF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
1E-3
0.01
0.1
Vcc=5V, Vo=1.3Vrms
Vcc=2V, Vo=0.5Vrms
RL=600
Ω
Av=-2
Cb = 1
µF
Bw < 125kHz
Tamb = 25
°C
20k
20
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com