Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS486-4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS486-4
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS486-4 Datasheet(HTML) 5 Page - STMicroelectronics

  TS486-4 Datasheet HTML 1Page - STMicroelectronics TS486-4 Datasheet HTML 2Page - STMicroelectronics TS486-4 Datasheet HTML 3Page - STMicroelectronics TS486-4 Datasheet HTML 4Page - STMicroelectronics TS486-4 Datasheet HTML 5Page - STMicroelectronics TS486-4 Datasheet HTML 6Page - STMicroelectronics TS486-4 Datasheet HTML 7Page - STMicroelectronics TS486-4 Datasheet HTML 8Page - STMicroelectronics TS486-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TS486-TS487
5/31
ELECTRICAL CHARACTERISTICS
V
CC = +3.3V, GND = 0V, Tamb = 25°C (unless otherwise specified)
1)
1.
All electrical values are guaranted with correlation measurements at 2V and 5V.
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
1.8
2.5
mA
ISTANDBY
Standby Current
No input signal, VSTANDBY=GND for TS486, RL=32Ω
No input signal, VSTANDBY=Vcc for TS487, RL=32Ω
10
1000
nA
VIO
Input Offset Voltage (VICM = VCC/2)
1mV
IIB
Input Bias Current (VICM = VCC/2)
2)
2.
Only for external gain version.
90
200
nA
PO
Output Power
THD+N = 0.1% Max, F = 1kHz, RL = 32Ω
THD+N = 1% Max, F = 1kHz, RL = 32Ω
THD+N = 0.1% Max, F = 1kHz, RL = 16Ω
THD+N = 1% Max, F = 1kHz, RL = 16Ω
23
36
26
28
38
42
mW
THD + N
Total Harmonic Distortion + Noise (Av=-1)
RL = 32Ω, Pout = 16mW, 20Hz ≤ F ≤ 20kHz
RL = 16Ω, Pout = 35mW, 20Hz ≤ F ≤ 20kHz
0.3
0.3
%
PSRR
Power Supply Rejection Ratio, inputs grounded 3)
(Av=-1), RL>=16Ω, CB=1µF, F = 1kHz, Vripple = 200mVpp
3.
Guaranteed by design and evaluation.
53
58
dB
IO
Max Output Current
THD +N
≤ 1%, R
L = 16Ω connected between out and VCC/2
64
75
mA
VO
Output Swing
VOL : RL = 32Ω
VOH : RL = 32Ω
VOL : RL = 16Ω
VOH : RL = 16Ω
2.85
2.68
0.3
3
0.45
2.85
0.38
0.52
V
SNR
Signal-to-Noise Ratio (A weighted, Av=-1)
3)
(RL = 32Ω, THD +N < 0.4%, 20Hz ≤ F ≤ 20kHz)
80
98
dB
Crosstalk
Channel Separation, RL = 32Ω, Av=-1
F = 1kHz
F = 20Hz to 20kHz
Channel Separation, RL = 16Ω, Av=-1
F = 1kHz
F = 20Hz to 20kHz
80
76
77
69
dB
CI
Input Capacitance
1
pF
GBP
Gain Bandwidth Product (RL = 32Ω)
1.1
MHz
SR
Slew Rate, Unity Gain Inverting (RL = 16Ω)
0.4
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com