Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS486-4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS486-4
Description  100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS486-4 Datasheet(HTML) 1 Page - STMicroelectronics

  TS486-4 Datasheet HTML 1Page - STMicroelectronics TS486-4 Datasheet HTML 2Page - STMicroelectronics TS486-4 Datasheet HTML 3Page - STMicroelectronics TS486-4 Datasheet HTML 4Page - STMicroelectronics TS486-4 Datasheet HTML 5Page - STMicroelectronics TS486-4 Datasheet HTML 6Page - STMicroelectronics TS486-4 Datasheet HTML 7Page - STMicroelectronics TS486-4 Datasheet HTML 8Page - STMicroelectronics TS486-4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1/31
s OPERATING FROM Vcc=2V to 5.5V
s STANDBY MODE ACTIVE LOW (TS486) or
HIGH (TS487)
s OUTPUT POWER: 102mW @5V, 38mW
@3.3V into 16
Ω with 0.1% THD+N max (1kHz)
s LOW CURRENT CONSUMPTION: 2.5mA max
s High Signal-to-Noise ratio: 103dB(A) at 5V
s High Crosstalk immunity: 83dB (F=1kHz)
s PSRR: 58 dB (F=1kHz), inputs grounded
s ON/OFF click reduction circuitry
s Unity-Gain Stable
s SHORT CIRCUIT LIMITATION
s Available in SO8, MiniSO8 & DFN 3x3mm
DESCRIPTION
The TS486/7 is a dual audio power amplifier capa-
ble of driving, in single-ended mode, either a 16 or
a 32
Ω stereo headset.
Capable of descending to low voltages, it delivers
up to 90mW per channel (into 16
Ω loads) of con-
tinuous average power with 0.3% THD+N in the
audio bandwitdth from a 5V power supply.
An externally-controlled standby mode reduces
the supply current to 10nA (typ.). The unity gain
stable TS486/7 can be configured by external
gain-setting resistors or used in a fixed gain ver-
sion.
APPLICATIONS
s Headphone Amplifier
s Mobile phone, PDA, computer motherboard
s High end TV, portable audio player
ORDER CODE
MiniSO & DFN only available in Tape & Reel with T suffix,
SO is available in Tube (D) and in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range: I
Package
Gain
Marking
DS
Q
TS486
-40, +85°C
•
external
TS486I
TS487
•
external
TS487I
TS486
•• external
K86A
TS486-1
tba tba x1/0dB
K86B
TS486-2
tba tba x2/6dB
K86C
TS486-4
tba tba x4/12dB
K86D
TS487
•• external
K87A
TS487-1
tba tba x1/0dB
K87B
TS487-2
tba tba x2/6dB
K87C
TS487-4
tba tba x4/12dB
K87D
TS487IDT: SO8, TS487IST, TS487-1IST,
TS487-2IST, TS487-4IST: MiniSO8
TS486-IQT, TS486-1IQT, TS486-2IQT, TS486-4IQT:
DFN8
1
2
3
4
5
8
7
6
BYPASS
GND
SHUTDOWN
Vcc
OUT (2)
OUT (1)
VIN (2)
VIN (1)
1
2
3
4
5
8
7
6
BYPASS
GND
SHUTDOWN
Vcc
OUT (2)
OUT (1)
VIN (2)
VIN (1)
1
2
3
4
5
8
7
6
BYPASS
GND
SHUTDOWN
Vcc
OUT (2)
OUT (1)
VIN (2)
VIN (1)
1
2
3
4
5
8
7
6
BYPASS
GND
SHUTDOWN
Vcc
OUT (2)
OUT (1)
VIN (2)
VIN (1)
TS487-IQT,
TS487-1IQT, TS487-2IQT, TS487-4IQT: DFN8
TS486IDT: SO8, TS486IST, TS486-1IST,
TS486-2IST, TS486-4IST: MiniSO8
OUT (1)
4
3
2
1
BYPASS
GND
VCC
OUT (2)
VIN (2)
SHUTDOWN
VIN (1)
5
6
7
8
OUT (1)
4
3
2
1
BYPASS
GND
VCC
OUT (2)
VIN (2)
SHUTDOWN
VIN (1)
5
6
7
8
OUT (1)
4
3
2
1
BYPASS
GND
VCC
OUT (2)
VIN (2)
SHUTDOWN
VIN (1)
5
6
7
8
OUT (1)
4
3
2
1
BYPASS
GND
VCC
OUT (2)
VIN (2)
SHUTDOWN
VIN (1)
5
6
7
8
OUT (1)
4
3
2
1
BYPASS
GND
VCC
OUT (2)
VIN (2)
SHUTDOWN
VIN (1)
5
6
7
8
TS486
TS487
100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY
MODE
June 2003


Similar Part No. - TS486-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482 Datasheet
597Kb / 24P
100mW STEREO HEADPHONE AMPLIFIER
Jun-2003
TS482 STMICROELECTRONICS-TS482 Datasheet
608Kb / 26P
100mW Stereo Headphone Amplifier
Nov-2005
TS482ID STMICROELECTRONICS-TS482ID Datasheet
597Kb / 24P
100mW STEREO HEADPHONE AMPLIFIER
Jun-2003
TS482ID STMICROELECTRONICS-TS482ID Datasheet
608Kb / 26P
100mW Stereo Headphone Amplifier
Nov-2005
TS482IDT STMICROELECTRONICS-TS482IDT Datasheet
597Kb / 24P
100mW STEREO HEADPHONE AMPLIFIER
Jun-2003
More results

Similar Description - TS486-4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482 Datasheet
597Kb / 24P
100mW STEREO HEADPHONE AMPLIFIER
Jun-2003
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
Stereo Headphone Amplifier With Shutdown Mode
Rev. 1.0 Sep 29, 2004
logo
Unisonic Technologies
S486 UTC-S486 Datasheet
162Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482_05 Datasheet
608Kb / 26P
100mW Stereo Headphone Amplifier
Nov-2005
logo
Anpec Electronics Corop...
APA2178 ANPEC-APA2178 Datasheet
612Kb / 30P
100mW Stereo Cap-Free Headphone Driver
logo
Unisonic Technologies
S486 UTC-S486_11 Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_15 Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
SHANGHAI BELLING CO., L...
BL4863TS BELLING-BL4863TS Datasheet
433Kb / 11P
Stereo headphone amplifier mode
logo
Unisonic Technologies
S486 UTC-S486_17 Datasheet
242Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com