Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16364/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16364/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16364/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16364/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADIS16364
Preliminary Technical Data
Rev. PrA | Page 4 of 16
Parameter
Test Conditions
Min
Typ
Max
Unit
DAC OUTPUT
5 kΩ/100 pF to GND
Resolution
12
Bits
Relative Accuracy
For Code 101 to Code 4095
±4
LSB
Differential Nonlinearity
±1
LSB
Offset Error
±5
mV
Gain Error
±0.5
%
Output Range
0
+3.3
V
Output Impedance
2
Ω
Output Settling Time
10
μs
LOGIC INPUTS1
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
CS signal to wake up from sleep mode
0.55
V
CS Wake-Up Pulse Width
20
μs
Logic 1 Input Current, IINH
VIH = 3.3 V
±0.2
±10
μA
Logic 0 Input Current, IINL
VIL = 0 V
All Pins Except RST
−40
−60
μA
RST Pin
−1
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS1
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
FLASH MEMORY
Endurance2
10,000
Cycles
Data Retention3
TJ = 85°C
20
Years
FUNCTIONAL TIMES4
Time until data is available
Power-On Start-up Time
Normal mode, SMPL_PRD ≤ 0x09
180
ms
Low power mode, SMPL_PRD ≥ 0x0A
250
ms
Reset Recovery Time
Normal mode, SMPL_PRD ≤ 0x09
60
ms
Low power mode, SMPL_PRD ≥ 0x0A
130
ms
Sleep Mode Recovery Time
Normal mode, SMPL_PRD ≤ 0x09
4
ms
Low power mode, SMPL_PRD ≥ 0x0A
9
Flash Memory Test Time
Normal mode, SMPL_PRD ≤ 0x09
17
ms
Low power mode, SMPL_PRD ≥ 0x0A
90
ms
Automatic Self-Test Time
SMPL_PRD = 0x01
12
ms
CONVERSION RATE
SMPL_PRD = 0x01 to 0xFF
0.413
819.2
SPS
Clock Accuracy
±3
%
Sync Input Clock
1.2
kHz
POWER SUPPLY
Operating voltage range, VCC
4.75
5.0
5.25
V
Power Supply Current
Low power mode at 25°C
24
mA
Normal mode at 25°C
49
mA
Sleep mode at 25°C
500
μA
1 The digital I/O signals are driven by an internal 3.3 V supply, and the inputs are 5 V tolerant.
2 Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
3 The retention lifetime equivalent is at a junction temperature (TJ) of 85°C as per JEDEC Standard 22, Method A117. Retention lifetime decreases with junction temperature.
4 These times do not include thermal settling and internal filter response times (330 Hz bandwidth), which may impact overall accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com