Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16364/PCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16364/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16364/PCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16364/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Preliminary Technical Data
ADIS16364
Rev. PrA | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. CONNECTOR PINS ARE NOT VISIBLE FROM THE TOP VIEW.
2. THIS REPRESENTATION DISPLAYS THE TOP VIEW PINOUT
FOR THE MATING SOCKET CONNECTOR.
3. DNC = DO NOT CONNECT.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
ADIS16365
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Figure 6. Axial Orientation
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
DIO3
I/O
Configurable Digital Input/Output.
2
DIO4/CLKIN
I/O
Configurable Digital Input/Output or Sync Clock Input.
16, 17, 18, 19, 22, 23, 24
DNC
N/A
Do Not Connect.
3
SCLK
I
SPI Serial Clock.
4
DOUT
O
SPI Data Output. Clocks output on SCLK falling edge.
5
DIN
I
SPI Data Input. Clocks input on SCLK rising edge.
6
CS
I
SPI Chip Select.
7
DIO1
I/O
Configurable Digital Input/Output.
8
RST
I
Reset.
9
DIO2
I/O
Configurable Digital Input/Output.
10, 11, 12
VCC
S
Power Supply.
13, 14, 15
GND
S
Power Ground.
20
AUX_DAC
O
Auxiliary, 12-Bit DAC Output.
21
AUX_ADC
I
Auxiliary, 12-Bit ADC Input.
1 S is supply, O is output, I is input, N/A is not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com