Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16364/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16364/PCBZ
Description  Six Degrees of Freedom Inertial Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16364/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16364/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16364/PCBZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADIS16364
Preliminary Technical Data
Rev. PrA | Page 12 of 16
OPERATIONAL CONTROL
Global Commands
The GLOB_CMD register provides trigger bits for several useful
functions. Setting the assigned bit to 1 starts each operation,
which returns to the bit to 0 after completion. For example, set
GLOB_CMD[7] = 1 (DIN = 0xBE80) to execute a software
reset, which stops the sensor operation and runs the device
through its start-up sequence. This includes loading the control
registers with their respective flash memory locations prior to
producing new data. Reading the GLOB_CMD registers (DIN =
0x3E00) starts the burst mode read sequence.
Table 12. GLOB_CMD
Bits
Description
[15:8]
Not used
[7]
Software reset command
[6:5]
Not used
[4]
Precision autonull command
[3]
Flash update command
[2]
Auxiliary DAC data latch
[1]
Factory calibration restore command
[0]
Autonull command
Internal Sample Rate
The ADIS16364 performs best when the sample rate is set to the
factory default setting of 819.2 SPS. For applications that value
lower sample rates, the SMPL_PRD register controls the
ADIS16364 internal sample (see Table 13), and the following
relationship produces the sample rate:
tS = tB × NS + 1
Table 13. SMPL_PRD
Bit
Description
[15:8]
Not used
[7]
Time base (tB)
0 = 0.61035 ms, 1 = 18.921 ms
[6:0]
Increment setting (NS)
Internal sample period = tS = tB × NS + 1
For example, set SMPL_PRD[7:0] = 0x0A (DIN = 0xB60A) for
an internal sample period of 6.7 ms (sample rate = 149 SPS).
For systems that value lower sample rates, in-system character-
ization can help determine performance trade-offs.
Power Management
Setting SMPL_PRD ≥ 0x0A also sets the sensor in low power
mode. In addition to sensor performance, this mode also affects
SPI data rates (see Table 2). Two sleep mode options are listed
in Table 14. Set SLP_CNT[8] = 1 (DIN = 0xBB01) to start the
indefinite sleep mode, which requires CS assertion (high to low),
reset, or power cycle to wake-up. Set SLP_CNT[7:0] = 0x64
(DIN = 0xBA64) to put the ADIS16364 to sleep for 100 sec, as
an example of the programmable sleep time option.
Table 14. SLP_CNT
Bit
Description
[15:9]
Not used
[8]
Indefinite sleep mode, set to 1
[7:0]
Programmable time bits, 0.5 sec/LSB
Digital Filtering
A programmable low-pass filtering provides additional
opportunity for noise reduction on the inertial sensor outputs.
This filter contains two cascaded averaging filters that provide a
Bartlett window, FIR filter response (see Figure 15).
SENS_AVG[2:0] controls the number of taps in each averaging
stage. For example, SENS_AVG[2:0] = 110 sets each stage tap to
64.
0
–20
–40
–60
–80
–100
–120
–140
0.001
0.01
0.1
1
FREQUENCY (
f/fS)
N = 2
N = 4
N = 16
N = 64
Figure 15. Bartlett Window FIR Frequency Response
(Phase = M Samples)
Dynamic Range
There are three dynamic range settings for the gyroscope:
±75°/sec, ±150°/sec, and ±300°/sec. The lower dynamic range
settings (±75°/sec and ±150°/sec) limit the minimum filter tap
sizes to maintain the resolution as the measurement range
decreases. The recommended order for programming the
SENS_AVG register is upper byte (sensitivity), followed by
lower byte (filtering). For example, set SENS_AVG[10:8] = 010
(DIN = 0xB902) for a measurement range to ±150°/sec.
Table 15. SENS_AVG
Bits
Value
Description
[15:11]
Not used
[10:8]
Measurement range (sensitivity) selection
100
±300°/sec (default condition)
010
±150°/sec, filter taps ≥ 4 (Bits[2:0] ≥ 0x02)
001
±75°/sec, filter taps ≥ 16 (Bits[2:0] ≥ 0x04)
[7:3]
Not used
[2:0]
Number of taps in each stage N = 2M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com