Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS512
Description  HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512 Datasheet(HTML) 1 Page - STMicroelectronics

  TS512 Datasheet HTML 1Page - STMicroelectronics TS512 Datasheet HTML 2Page - STMicroelectronics TS512 Datasheet HTML 3Page - STMicroelectronics TS512 Datasheet HTML 4Page - STMicroelectronics TS512 Datasheet HTML 5Page - STMicroelectronics TS512 Datasheet HTML 6Page - STMicroelectronics TS512 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS512,A
HIGH SPEED PRECISION
DUAL OPERATIONAL AMPLIFIERS
March 1998
.
LOW OFFSET VOLTAGE : 500
µV max.
.
LOW POWER CONSUMPTION
.
SHORT CIRCUIT PROTECTION
.
LOW DISTORTION, LOW NOISE
.
HIGH GAIN-BANDWIDTH PRODUCT
.
HIGH CHANNEL SEPARATION
.
ESD INTERNAL PROTECTION
.
MACROMODEL INCLUDED IN THIS
SPECIFICATION
Inve rting Input 2
Non-inve rting Input 2
Non-inve rting Input 1
-
CC
V
1
2
3
4
8
5
6
7
CC
V
+
-
+
-
+
Output 1
Inve rting Input 1
Output
PIN CONNECTIONS (top view)
ORDER CODES
Part Number
Temperature Range
Package
ND
TS512I
-40, +125
oC
••
TS512AI
-40, +125
oC
••
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
DESCRIPTION
The TS512 is a high performance dual operational
amplifier with frequency and phase compensation
built into the chip. The internal phase compensation
allows stable operation as voltage follower in spite
of its high gain-bandwidth products.
The circuit presents very stable electrical charac-
teristics over the entire supply voltage range, and
is particularlyintended for professional and telecom
applications (active filter, etc).


Similar Part No. - TS512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512 Datasheet
216Kb / 16P
Precision dual operational amplifier
05-May-2008
logo
Semtech Corporation
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
High Efficiency Regulator IC for Wireless Power Receiver Applications
TS51221-M000QFNR SEMTECH-TS51221-M000QFNR Datasheet
1Mb / 18P
High Efficiency Regulator IC for Wireless Power Receiver Applications
TS51221-M015QFNR SEMTECH-TS51221-M015QFNR Datasheet
1Mb / 18P
High Efficiency Regulator IC for Wireless Power Receiver Applications
TS51221-M018QFNR SEMTECH-TS51221-M018QFNR Datasheet
1Mb / 18P
High Efficiency Regulator IC for Wireless Power Receiver Applications
More results

Similar Description - TS512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514 Datasheet
58Kb / 7P
HIGH SPEED PRECISION QUAD OPERATIONAL AMPLIFIERS
Dec-1997
logo
Texas Instruments
TLE2227 TI-TLE2227 Datasheet
492Kb / 31P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
Dual Precision Operational Amplifiers
logo
Texas Instruments
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
Precision High-Speed Difet OPERATIONAL AMPLIFIERS
TLE2142 TI-TLE2142 Datasheet
769Kb / 29P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TEB1033 STMICROELECTRONICS-TEB1033_05 Datasheet
102Kb / 7P
PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-2005
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
Precision High-Speed Difet Operational Amplifiers
TLE2227 TI1-TLE2227_05 Datasheet
520Kb / 32P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI1-TLC272_16 Datasheet
1Mb / 53P
PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com