Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS512
Description  HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512 Datasheet(HTML) 5 Page - STMicroelectronics

  TS512 Datasheet HTML 1Page - STMicroelectronics TS512 Datasheet HTML 2Page - STMicroelectronics TS512 Datasheet HTML 3Page - STMicroelectronics TS512 Datasheet HTML 4Page - STMicroelectronics TS512 Datasheet HTML 5Page - STMicroelectronics TS512 Datasheet HTML 6Page - STMicroelectronics TS512 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ELECTRICAL CHARACTERISTICS
VCC =
±15V, Tamb =25oC (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL =2k
Ω
100
V/mV
ICC
No load, per operator
350
µA
Vicm
-13.5 to 13.5
V
VOH
RL =2k
Ω
+13
V
VOL
RL =2k
Ω
-13
V
Isink
VO =0V
23
mA
Isource
VO =0V
23
mA
GBP
RL =2k
Ω, CL = 100pF
3
MHz
SR
RL =2k
Ω
1.4
V/ms
∅mRL =2kΩ, CL = 100pF
55
Degrees
TS512,A
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com