Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS512
Description  HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512 Datasheet(HTML) 3 Page - STMicroelectronics

  TS512 Datasheet HTML 1Page - STMicroelectronics TS512 Datasheet HTML 2Page - STMicroelectronics TS512 Datasheet HTML 3Page - STMicroelectronics TS512 Datasheet HTML 4Page - STMicroelectronics TS512 Datasheet HTML 5Page - STMicroelectronics TS512 Datasheet HTML 6Page - STMicroelectronics TS512 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS (VCC =
±15V, Tamb = 25oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICC
Supply Current
0.7
1.2
mA
Iib
Input Bias Current
50
150
nA
Tmin. <Top <Tmax.
300
nA
Ri
Input Resistance
f = 1kHz
1
M
Ω
Vio
Input Offset Voltage
TS512
TS512A
0.5
2.5
0.5
mV
Tmin.< Top <Tmax.
TS512
TS512A
3.5
1.5
mV
DVio
Input Offset Voltage Drift
Tmin.< Top <Tmax.2
µV/oC
Iio
Input Offset Current
5
20
nA
Tmin.< Top <Tmax.40
nA
DIio
Input Offset Current Drift
Tmin.< Top <Tmax.
0.08
nA
°C
Ios
Output Short Circuit Current
23
mA
Avd
Large Signal Voltage Gain
RL =2k
Ω
VCC =
±15V
VCC =
±4V
90
100
95
dB
GBP
Gain-bandwidth Product
f = 100kHz
1.8
3
MHz
en
Equivalent Input Noise Voltage
f = 1kHz
Rs =50
Ω
Rs =1k
Ω
Rs = 10k
Ω
8
10
18
15
nV
√
Hz
THD
Total Harmonic Distortion
AV = 20dB
RL =2k
Ω
VO =2VPP
f = 1kHz
0.03
0.1
%
±Vopp
Output Voltage Swing
RL =2k
Ω
VCC =
±15V
VCC =
±4V
±13
±3
V
Vopp
Large Signal Voltage Swing
RL = 10k
Ω
f = 10kHz
28
VPP
SR
Slew Rate
Unity Gain, RL =2k
Ω
0.8
1.5
V/
µs
CMR
Common Mode Rejection Ratio
Vic = 10V
90
dB
SVR
Supply Voltage Rejection Ratio
Vic = 1V
f = 100Hz
90
dB
VO1/VO2
Channel Separation
f = 1kHz
100
120
dB
TS512,A
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com