Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS615
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS615 Datasheet HTML 3Page - STMicroelectronics TS615 Datasheet HTML 4Page - STMicroelectronics TS615 Datasheet HTML 5Page - STMicroelectronics TS615 Datasheet HTML 6Page - STMicroelectronics TS615 Datasheet HTML 7Page - STMicroelectronics TS615 Datasheet HTML 8Page - STMicroelectronics TS615 Datasheet HTML 9Page - STMicroelectronics TS615 Datasheet HTML 10Page - STMicroelectronics TS615 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TS615
7/27
Figure 1 : Load Configuration
Load: RL=25Ω, VCC=±6V
Figure 2 : Closed Loop Gain vs. Frequency
AV=+1
Figure 3 : Closed Loop Gain vs. Frequency
AV=+2
Figure 4 : Load Configuration
Load: RL=10Ω, VCC=±2.5V
Figure 5 : Closed Loop Gain vs. Frequency
AV=-1
Figure 6 : Closed Loop Gain vs. Frequency
AV=-2
49.9
Ω
50
Ω
50
Ω
cable
33
Ω
1W
25
Ω
TS615
+6V
-6V
+
_
49.9
Ω
50
Ω
50
Ω
cable
33
Ω
1W
25
Ω
TS615
+6V
-6V
+
_
100
1k
10k
100k
1M
10M
100M
-16
-14
-12
-10
-8
-6
-4
-2
0
2
-120
-100
-80
-60
-40
-20
0
20
40
(Vcc=±2.5V)
phase
gain
(Vcc=±6V)
(Vcc=±2.5V, Rfb=1.1k
Ω, Rload=10Ω)
(Vcc=±6V, Rfb=750
Ω, Rload=25Ω)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
100
1k
10k
100k
1M
10M
100M
-10
-8
-6
-4
-2
0
2
4
6
8
-120
-100
-80
-60
-40
-20
0
20
40
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
49.9
Ω
50
Ω
50
Ω
cable
11
Ω
0.5W
10
Ω
TS615
+2.5V
-2.5V
+
_
49.9
Ω
50
Ω
50
Ω
cable
11
Ω
0.5W
10
Ω
TS615
+2.5V
-2.5V
+
_
100
1k
10k
100k
1M
10M
100M
-16
-14
-12
-10
-8
-6
-4
-2
0
2
-300
-280
-260
-240
-220
-200
-180
-160
-140
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)
(Vcc=±2.5V, Rfb=1k
Ω, Rin=1kΩ, Rload=10Ω)
(Vcc=±6V, Rfb=680
Ω, Rin=680Ω, Rload=25Ω)
100
1k
10k
100k
1M
10M
100M
-10
-8
-6
-4
-2
0
2
4
6
8
-300
-280
-260
-240
-220
-200
-180
-160
-140
(Vcc=±2.5V, Rfb=1k
Ω, Rin=510Ω, Rload=10Ω)
(Vcc=±6V, Rfb=680
Ω, Rin=750//620Ω, Rload=25Ω)
phase
gain
(Vcc=±6V)
(Vcc=±2.5V)
(Vcc=±6V)
(Vcc=±2.5V)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com