Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS615
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS615 Datasheet HTML 10Page - STMicroelectronics TS615 Datasheet HTML 11Page - STMicroelectronics TS615 Datasheet HTML 12Page - STMicroelectronics TS615 Datasheet HTML 13Page - STMicroelectronics TS615 Datasheet HTML 14Page - STMicroelectronics TS615 Datasheet HTML 15Page - STMicroelectronics TS615 Datasheet HTML 16Page - STMicroelectronics TS615 Datasheet HTML 17Page - STMicroelectronics TS615 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
TS615
14/27
Figure 43 : Icc (Power Down) vs. Temperature
No load, Open Loop
Figure 44 : Group Delay
VCC=±6V, VCC=±2.5V
-40
-20
0
20
406080
-200
-150
-100
-50
0
50
100
150
200
Vcc=±6V
Vcc=±2.5V
Temperature (
°C)
1M
10M
10
20
30
40
50
60
70
80
90
100
A
v
=4
Vcc=±6V, Rfb=620
Ω, Load=25Ω
Vcc=±2.5V, Rfb=910
Ω, Load=10Ω
IF Bw = 10Hz
Smoothing=19.247MHz
on 10ns/div scale
50M
300k
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com