Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS615 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS615
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS615 Datasheet(HTML) 5 Page - STMicroelectronics

  TS615 Datasheet HTML 1Page - STMicroelectronics TS615 Datasheet HTML 2Page - STMicroelectronics TS615 Datasheet HTML 3Page - STMicroelectronics TS615 Datasheet HTML 4Page - STMicroelectronics TS615 Datasheet HTML 5Page - STMicroelectronics TS615 Datasheet HTML 6Page - STMicroelectronics TS615 Datasheet HTML 7Page - STMicroelectronics TS615 Datasheet HTML 8Page - STMicroelectronics TS615 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TS615
5/27
ELECTRICAL CHARACTERISTICS
V
CC = ±2.5Volts, Rfb=910Ω,Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC PERFORMANCE
Vio
Input Offset Voltage
Tamb
0.5
2.5
mV
Tmin. < Tamb < Tmax.
1.2
∆V
io
Differential Input Offset Voltage
Tamb = 25°C
2.5
mV
Iib+
Positive Input Bias Current
Tamb
530
µA
Tmin. < Tamb < Tmax.
8
Iib-
Negative Input Bias Current
Tamb
0.8
11
µA
Tmin. < Tamb < Tmax.
1.24
ZIN+
Input(+) Impedance
71
k
Ω
ZIN-
Input(-) Impedance
62
Ω
CIN+
Input(+) Capacitance
1.5
pF
CMR
Common Mode Rejection Ratio
20 log (
∆V
ic/∆Vio)
∆V
ic = ±1V
55
60
dB
Tmin. < Tamb. < Tmax.
58
SVR
Supply Voltage Rejection Ratio
20 log (
∆V
cc/∆Vio)
∆V
cc=±2V to ±2.5V
63
77
dB
Tmin. < Tamb. < Tmax.
76
ICC
Total Supply Current per Operator
No load
11.9
15
mA
DYNAMIC PERFORMANCE and OUTPUT CHARACTERISTICS
ROL
Open Loop Transimpedance
Vout = 2Vp-p, RL = 10Ω
25.4
M
Ω
Tmin. < Tamb. < Tmax.
2.1
BW
-3dB Bandwidth
Small Signal Vout<20mVp
AV = 12dB, RL = 10Ω
20
30
MHz
Full Power Bandwidth
Large Signal Vout = 1.4Vp
AV = 12dB, RL = 10Ω
20
Gain Flatness @ 0.1dB
Small Signal Vout<20mVp
AV = 12dB, RL = 10Ω
5.7
MHz
Tr
Rise Time
Vout = 2.8Vp-p, AV = 12dB
RL = 10Ω
11
ns
Tf
Fall Time
Vout = 2.8Vp-p, AV = 12dB
RL = 10Ω
11.5
ns
Ts
Settling Time
Vout = 2.2Vp-p, AV = 12dB
RL = 10Ω
39
ns
SR
Slew Rate
Vout = 2.2Vp-p, AV = 12dB
RL = 10Ω
100
130
V/
µs
VOH
High Level Output Voltage
RL=10Ω Connected to GND
1.5
1.75
V
VOL
Low Level Output Voltage
RL=10Ω Connected to GND
-2.05
-1.8
V
Iout
Output Sink Current
Vout = -1.25Vp
-350
-470
mA
Tmin. < Tamb < Tmax.
-450
Output Source Current
Vout = +1.25Vp
200
270
Tmin. < Tamb < Tmax.
245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com