Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514CFN Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS7514CFN
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514CFN Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS7514CFN Datasheet HTML 7Page - STMicroelectronics TS7514CFN Datasheet HTML 8Page - STMicroelectronics TS7514CFN Datasheet HTML 9Page - STMicroelectronics TS7514CFN Datasheet HTML 10Page - STMicroelectronics TS7514CFN Datasheet HTML 11Page - STMicroelectronics TS7514CFN Datasheet HTML 12Page - STMicroelectronics TS7514CFN Datasheet HTML 13Page - STMicroelectronics TS7514CFN Datasheet HTML 14Page - STMicroelectronics TS7514CFN Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
DGND
DGND (digital ground) to AGND (analog ground)
– 0.3, + 0.3
V
V+
Supply Voltage V+ to DGND ro AGND
– 0.3, + 7
V
V–
Supply Voltage V- to DGND or AGND
– 7, + 0.3
V
VI
Voltage at any Digital Input
DGND - 0.3, V+ + 0.3
V
Vin
Voltage at any Analog Input
V– 0.3, V + + 0.3
V
Io
Current at any Digital Output
– 20, + 20
mA
Iout
Current at any Analog Output
– 10, + 10
mA
Ptot
Power Dissipation
500
mW
Top
Operating Temperature
0, + 70
°C
Tstg
Storage Temperature
– 65, + 150
°C
Tlead
Lead Temperature (soldering, 10s)
+ 260
°C
If the Maximum Ratings are exceeded, permanent damage may be caused to the device. This is a stress rating only, and functional operation
of the device under these or any other conditions for extended periods may affectdevice reliability. Standard CMOS handling procedures should
be employed to avoid possible damage to the device.
ELECTRIC OPERATING CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
V+
Positive Supply Voltage
4.75
5
5.25
V
V–
Negative Supply Voltage
– 5.25
– 5.0
– 4.75
V
I+
V+ Operating Current
–
10
15
mA
I-
V- Operating Current
– 15
– 10
–
mA
DC AND OPERATING CHARACTERISTICS
Electrical characteristics are guaranteed over the complete temperature range, with typical load unless
otherwise specified. Typical values are given for : V
+ =+5V, V− = -5V and room temperature = 25oC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DIGITAL INTERFACE (MOD/DTMF, RTS, DCD, RxD, ZCO, TxD, MC/BC, ENP, PRD)
VIL
Input Voltage, Low Level
–
–
0.8
V
VIH
Input Voltage, High Level
– 2.2
–
–
–
IIL
Input Current, Low Level
DGND < Vi <VIL (max)
– 10
–
10
µA
IIH
Input Current, High Level
VIH (min) < VI < V+
– 10
–
10
µA
IOL
Output Current, Low Level
VOL = 0.4V
1.6
–
–
mA
IOH
Output Current, High Level
VOH = 2.8V
–
–
– 250
µA
ANALOG INTERFACE-PROGRAMMABLE (ATxl)
Vin
Input Voltage Range
– 1.8
–
+ 1.8
V
Iin
Input Current (filter output selected)
– 10
–
+ 10
µA
Cin
Input Capacitance (ATT output selected)
–
–
20
pF
Rin
Input Resistance (ATT output selected)
100
–
–
k
Ω
ANALOG INTERFACE - TRANSMIT OUTPUT (ATO) (load conditions RL = 560
Ω,CL = 100pF)
VOS
Output Offset Voltage
– 250
–
+ 250
mV
CL
Load Capacitance
–
–
100
pF
RL
Load Resistance
–
560
–
Ω
Vout
Output Voltage Swing
– 1.8
–
+ 1.8
V
Rout
Output Resistance
10
–
25
Ω
–
ATO Attenuation Ratio when RTS = 1
70
–
–
dB
TS7514
11/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com