Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514CFN Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS7514CFN
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514CFN Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS7514CFN Datasheet HTML 11Page - STMicroelectronics TS7514CFN Datasheet HTML 12Page - STMicroelectronics TS7514CFN Datasheet HTML 13Page - STMicroelectronics TS7514CFN Datasheet HTML 14Page - STMicroelectronics TS7514CFN Datasheet HTML 15Page - STMicroelectronics TS7514CFN Datasheet HTML 16Page - STMicroelectronics TS7514CFN Datasheet HTML 17Page - STMicroelectronics TS7514CFN Datasheet HTML 18Page - STMicroelectronics TS7514CFN Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Transmission Spectrum
At the ATO output, the out-of-band signal power
conforms to the following specifications :
Receiver
Measurement conditions
Local transmit level : -10dBm on lower channel at
75bps.
Receive level : -25dBm, with 511 bit pseudo-ran-
dom test pattern.
Test equipment : TRT sematest.
Isochronous distortion
The following table shows typical isochronous dis-
tortion obtained with the TS7514 circuit :
Line
Reception (1200)
Reception (75)
Line 1 (fiat)
10 %
4 %
Line 2
12 %
4 %
Line 3
18 %
6 %
Line 4
14 %
6 %
Bit error rate
Typical bit error rates versus while noise are as
follows (noise and signal levels are measured with-
out weighting on the 300/3400Hz) :
Reception (1200)
Reception (75)
S/N
BER
S/N
BER
Line 1
6 dB
2.10
–3
– 3 dB
2.10
–3
Line 2
7 dB
2.10
–3
– 3 dB
2.10
–3
Line 3
8 dB
2.10
–3
– 3 dB
2.10
–3
Line 4
7 dB
2.10
–3
– 3 dB
2.10
–3
0dB
25dB
55dB
200
16
4
3.4
f(kHz)
Receive Filter Transfer Characteristics
0.1
1
10
100
0
-10
-20
-30
-40
-50
-60
-70
FREQUENCY (kHz)
Figure 7a : Main Channel
0.1
1
10
10 0
0
-10
-20
-30
-40
-50
-60
-70
FRE QUENCY ( kHz)
Figure 7b : Back Channel - Narrow Band
0.1
1
10
10 0
0
-10
-20
-30
-40
-50
-60
-70
FRE QUENCY ( kHz)
Figure 7c : Basic Channel
Wide band and Tone Detection
TS7514
15/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com