Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514CFN Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS7514CFN
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514CFN Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS7514CFN Datasheet HTML 10Page - STMicroelectronics TS7514CFN Datasheet HTML 11Page - STMicroelectronics TS7514CFN Datasheet HTML 12Page - STMicroelectronics TS7514CFN Datasheet HTML 13Page - STMicroelectronics TS7514CFN Datasheet HTML 14Page - STMicroelectronics TS7514CFN Datasheet HTML 15Page - STMicroelectronics TS7514CFN Datasheet HTML 16Page - STMicroelectronics TS7514CFN Datasheet HTML 17Page - STMicroelectronics TS7514CFN Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
DC AND OPERATING CHARACTERISTICS (continued)
Electrical characteristics are guaranteed over the complete temperature range, with typical load unless
otherwise specified. Typical values are given for : V
+ =+5V, V= -5V and room temperature = 25oC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RECEIVE TRANSFER - GENERAL CHARACTERISTICS
Absolute Filter Gain for :
0dB programmed
6dB programmed
12dBprogrammed
– 0.5
+ 5.5
+ 11.5
+ 0.5
+ 6.5
12.5
dB
RDS
Signal Detection Level Relative to Programmed Value
– 0.5
+ 0.5
dB
RHY
Hysteresis Value
– 2
dB
Signal Level (loop 3) at Reception Input
– 40
– 35
– 33
dBm
LINE MONITORING - GENERAL CHARACTERISTICS (load conditions : RL = 10k
Ω,CL = 50pF)
ATT
Absolute Gain for 0dB Programmed
0
dB
RAT
-
Attenuation Relative to Programmed Value
Attenuation for Programmed Value
–1
70
+1
dB
dB
FS
Buzzer Signalling Frequency
2982
Hz
Signalling Frequency Amplitude at 0.42VPP Programmed
0.38
0.42
0.46
VPP
TS7514
14/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com