Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS822L Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS822L
Description  2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS822L Datasheet(HTML) 2 Page - STMicroelectronics

  TS822L Datasheet HTML 1Page - STMicroelectronics TS822L Datasheet HTML 2Page - STMicroelectronics TS822L Datasheet HTML 3Page - STMicroelectronics TS822L Datasheet HTML 4Page - STMicroelectronics TS822L Datasheet HTML 5Page - STMicroelectronics TS822L Datasheet HTML 6Page - STMicroelectronics TS822L Datasheet HTML 7Page - STMicroelectronics TS822L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS822
2/8
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
Ik
Reverse Breakdown Current
20
mA
If
Forward Current
10
mA
Pd
Power Dissipation 1)
SOT23-3
TO-92
360
625
mW
Toper
Operating Free Air Temperature Range
-40 to +85
°C
Tstd
Storage Temperature
-65 to +150
°C
ESD
Human Body Model (HBM)
2
kV
Machine Model (MM)
200
V
T
lead
Lead Temperature (soldering, 10 seconds)
260
°C
1. Pd has been calculated with Tamb = 25
°C and Rthja = 200°C/W for the TO92 package
Rthja = 340
°C/W for the STO23-3L package
Symbol
Parameter
Value
Unit
Ikmin
Minimum Operating Current
50
µA
Ikmax
Maximum Operating Current
15
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com