Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS822L Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS822L
Description  2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS822L Datasheet(HTML) 3 Page - STMicroelectronics

  TS822L Datasheet HTML 1Page - STMicroelectronics TS822L Datasheet HTML 2Page - STMicroelectronics TS822L Datasheet HTML 3Page - STMicroelectronics TS822L Datasheet HTML 4Page - STMicroelectronics TS822L Datasheet HTML 5Page - STMicroelectronics TS822L Datasheet HTML 6Page - STMicroelectronics TS822L Datasheet HTML 7Page - STMicroelectronics TS822L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS822
3/8
ELECTRICAL CHARACTERISTICS
TS822 (2% Precision)
Tamb = 25
°C (unless otherwise specified)
ELECTRICAL CHARACTERISTICS
TS822A (1% Precision)
Tamb = 25
°C (unless otherwise specified)
Note : Limits are 100% production tested at 25
°C. Limits over temperature are guaranteed through correlation and by design.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vk
Reverse Breakdown Voltage
Ik = 100
µA
2.45
2.5
2.55
V
Reverse Breakdown Voltage Tolerange
Ik = 100
µA
-40
°C < T < +85°C
-50
-66
50
66
mV
Ikmin
Minimum Operating Current
T= 25
°C40
50
µA
-40
°C < T < +85°C60
∆Vref/∆T Average Temperature Coefficient
Ik = 100
µA
30
100
ppm/
°C
∆Vk/∆Ik
Reverse Breakdown Voltage Change
with Operating Current Range
Ikmin < Ik < 1mA
-40
°C < T < +85°C
0.4
1
1.2
mV
1mA < Ik < 15mA
-40
°C < T < +85°C
2.5
8
10
Rka
Reverse Static Impedance
Ik = Ikmin to 1mA
-40
°C < T < +85°C
0.4
1
1.2
Ω
Ik = 1 to 15mA
-40
°C < T < +85°C
0.2
0.6
0.7
Kvh
Long Term Stability
Ik = 100
µA, t = 1000hrs
120
ppm
En
Wide Band Noise
Ik = 100
µA
10Hz < f < 10kHz
35
µVrms
Note : Limits are 100% production tested at 25
°C. Limits over temperature are guaranteed through correlation and by design.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vk
Reverse Breakdown Voltage
Ik = 100
µA
2.475
2.5
2.525
V
Reverse Breakdown Voltage Tolerange
Ik = 100
µA
-40
°C < T < +85°C
-25
-41
25
41
mV
Ikmin
Minimum Operating Current
T= 25
°C40
50
µA
-40
°C < T < +85°C60
∆Vref/∆T Average Temperature Coefficient
Ik = 100
µA
30
100
ppm/
°C
∆Vk/∆Ik
Reverse Breakdown Voltage Change
with Operating Current Range
Ikmin < Ik < 1mA
-40
°C < T < +85°C
0.4
1
1.2
mV
1mA < Ik < 15mA
-40
°C < T < +85°C
2.5
8
10
Rka
Reverse Static Impedance
Ik = Ikmin to 1mA
-40
°C < T < +85°C
0.4
1
1.2
Ω
Ik = 1mA to 15mA
-40
°C < T < +85°C
0.2
0.6
0.7
Kvh
Long Term Stability
Ik = 100
µA, t = 1000hrs
120
ppm
En
Wide Band Noise
Ik = 100
µA
10Hz < f < 10kHz
35
µVrms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com