Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS822L Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS822L
Description  2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS822L Datasheet(HTML) 1 Page - STMicroelectronics

  TS822L Datasheet HTML 1Page - STMicroelectronics TS822L Datasheet HTML 2Page - STMicroelectronics TS822L Datasheet HTML 3Page - STMicroelectronics TS822L Datasheet HTML 4Page - STMicroelectronics TS822L Datasheet HTML 5Page - STMicroelectronics TS822L Datasheet HTML 6Page - STMicroelectronics TS822L Datasheet HTML 7Page - STMicroelectronics TS822L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
s 2.50V TYP. OUTPUT VOLTAGE
s ULTRA LOW CURRENT CONSUMPTION:
40
µA TYP.
s HIGH PRECISION @ 25
°C
±2% (Standard version)
±1% (A grade)
s HIGH STABILITY WHEN USED WITH
CAPACITICE LOAD
s INDUSTRIAL TEMPERATURE RANGE:
-40 to +85
°C
s 100ppm/
°C MAXIMUM TEMPERATURE
COEFFICIENT
DESCRIPTION
The TS822 is a low power shunt voltage reference
providing a stable 2.5V output voltage over the in-
dustrial temperature range (-40 to +85
°C). Avail-
abe in SOT23-3 surface mount package, it can be
designed in applications where space saving is a
critical issue.
The low operating current is a key advantage for
power restricted designs. In addition, the TS822 is
very stable and can be used in a broad range of
application conditions.
APPLICATION
s Computers
s Instrumentation
s Battery chargers
s Switch Mode Power Supply
s Battery operated equipments
ORDER CODE
Z= TO92 Plastic package
LT = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
PIN CONNECTIONS (top view)
Precision
TO92
SOT23-3
SOT23
Marking
2%
TS822IZ
TS822IL
L223
1%
TS822AIZ
TS822AIL
L222
Single temperature range: -40 to +85
°C
Z
TO-92
(Plastic Package)
L
SOT23-3L
(Plastic Micropackage)
TS822
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
March 2000


Similar Part No. - TS822L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS822AILT STMICROELECTRONICS-TS822AILT Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS822ILT STMICROELECTRONICS-TS822ILT Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
More results

Similar Description - TS822L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4431 NSC-LM4431 Datasheet
130Kb / 8P
Micropower Shunt Voltage Reference
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
154Kb / 8P
Precision Micropower 2.5V Shunt Voltage Reference
logo
Advanced Monolithic Sys...
AMS4040 ADMOS-AMS4040 Datasheet
60Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
AMS255 ADMOS-AMS255_05 Datasheet
83Kb / 4P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com