Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA0801 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSA0801
Description  8-BIT, 40MSPS, 40mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA0801 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSA0801 Datasheet HTML 11Page - STMicroelectronics TSA0801 Datasheet HTML 12Page - STMicroelectronics TSA0801 Datasheet HTML 13Page - STMicroelectronics TSA0801 Datasheet HTML 14Page - STMicroelectronics TSA0801 Datasheet HTML 15Page - STMicroelectronics TSA0801 Datasheet HTML 16Page - STMicroelectronics TSA0801 Datasheet HTML 17Page - STMicroelectronics TSA0801 Datasheet HTML 18Page - STMicroelectronics TSA0801 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TSA0801
15/20
Data Ready (DR)
The Data Ready output is an image of the clock
being synchronized on the output data (D0 to D9).
This is a very helpful signal that simplifies the syn-
chronization of the measurement equipment or
the controlling DSP.
As digital output, DR goes in high impedance state
when OEB is asserted to High level as described
in the timing diagram.
DRIVING THE ANALOG INPUT
Differential inputs
The TSA0801 has been designed to obtain opti-
mum performances when being differentially driv-
en. An RF transformer is a good way to achieve
such performances.
Figure 5 describes the schematics. The input sig-
nal is fed to the primary of the transformer, while
the secondary drives both ADC inputs. The com-
mon mode voltage of the ADC (INCM) is connect-
ed to the center-tap of the secondary of the trans-
former in order to bias the input signal around this
common voltage, internally set to 0.56V. The
INCM is decoupled to maintain a low noise level
on this node. Our evaluation board is mounted
with a 1:1 ADT1-1 transformer from Minicircuits.
You might also use a higher impedance ratio (1:2
or 1:4) to reduce the driving requirement on the
analog signal source.
Each analog input can drive a 1Vpp amplitude in-
put signal, so the resultant differential amplitude is
2Vpp.
Figure 5 : Differential input configuration
Single-ended input configuration
Some applications may require a single-ended
input
which
is
easily
achieved
with
the
configuration reported on Figure 6.
In this case, it is recommended to use an
AC-coupled analog input and connect the other
analog input to the common mode voltage of the
circuit (INCM) so as to properly bias the ADC. The
INCM may remain at the same internal level
(0.56V) thus supporting only a 1Vpp of input
amplitude, or it must be increased to 0.9V to
support a 2Vpp input amplitude. Performances
are better when using a 2Vpp signal.
Figure 6 : Single-ended input configuration
REFERENCE CONNECTION
Internal reference
In the standard configuration, the ADC is biased
with the internal reference voltage. VREFM pin is
connected to Analog Ground while VREFP is in-
ternally set to a voltage of 1.03V. It is recommend-
ed to decouple the VREFP in order to minimize
low and high frequency noise. Refer to Figure 7 for
the schematics.
Figure 7 : Internal reference setting
External reference
It is possible to use an external reference voltage
instead of the internal one for specific applications
requiring
even
better
linearity or
enhanced
tem0801perature behavior. In this case, the
amplitude of the external voltage must be at least
equal to the internal one (1.03V). Using the
STMicroelectronics Vref TS821 leads to optimum
TSA0801
VIN
VINB
INCM
50
Ω
100pF
330pF
470nF
10nF
Analog source
1:1
ADT1-1
TSA0801
VIN
VINB
INCM
50
Ω
100nF
330pF
470nF
10nF
Signal source
0.9V
TSA0801
VIN
VINB
VREFM
1.03V
VREFP
330pF
470nF
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com