Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA0801 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSA0801
Description  8-BIT, 40MSPS, 40mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA0801 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSA0801 Datasheet HTML 12Page - STMicroelectronics TSA0801 Datasheet HTML 13Page - STMicroelectronics TSA0801 Datasheet HTML 14Page - STMicroelectronics TSA0801 Datasheet HTML 15Page - STMicroelectronics TSA0801 Datasheet HTML 16Page - STMicroelectronics TSA0801 Datasheet HTML 17Page - STMicroelectronics TSA0801 Datasheet HTML 18Page - STMicroelectronics TSA0801 Datasheet HTML 19Page - STMicroelectronics TSA0801 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TSA0801
17/20
EVAL0801 evaluation board
The characterization of the board has been made
with a fully ADC devoted test bench as shown on
Figure 10. The analog signal must be filtered to be
very pure.
The dataready signal is the acquisition clock of the
logic analyzer.
The ADC digital outputs are latched by the octal
buffers 74LCX573.
All characterization measurements have been
made with:
SFSR=+0.2dB
for
static
parameters.-
SFSR=-0.5dB for dynamic parameters.
Figure 9 : Analog to Digital Converter characterization bench
Sine wave
Generator
Power
Sine Wave
Generator
ADC
evaluation
board
Logic
Analyzer
Pulse
Generator
dataready
data
ck
Vin
HP8644B
HP8644B
HP8133A
TLA704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com