Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSA0801 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TSA0801
Description  8-BIT, 40MSPS, 40mW A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA0801 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TSA0801 Datasheet HTML 12Page - STMicroelectronics TSA0801 Datasheet HTML 13Page - STMicroelectronics TSA0801 Datasheet HTML 14Page - STMicroelectronics TSA0801 Datasheet HTML 15Page - STMicroelectronics TSA0801 Datasheet HTML 16Page - STMicroelectronics TSA0801 Datasheet HTML 17Page - STMicroelectronics TSA0801 Datasheet HTML 18Page - STMicroelectronics TSA0801 Datasheet HTML 19Page - STMicroelectronics TSA0801 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
TSA0801
19/20
Figure 11 : circuit board - Top side silkscreen
Printed circuit board - List of components
P a r t
D e s i g n F o o t p r in t
P a r t
D e s ig n Foot p r in t
P a r t
D e s i g n F o o t p r in t
P a r t
D e s i g n
F o ot p r in t
Ty p e
at o r
Typ e
at o r
Typ e
at o r
Typ e
at o r
10 u F
C 2 4
12 10
3 3 0p F
C 33
603
4 7 0 n F
C 7
805
A V C C
J 12
F IC H E 2M M
10 u F
C 2 3
12 10
3 3 0p F
C 20
603
4 7 0 n F
C 16
805
C L J/ S M B
J 4
S M B / H
10 u F
C 4 1
12 10
3 3 0p F
C 8
603
4 7 0 n F
C 19
805
A G N D
J 19
F IC H E 2M M
10 u F
C 2 9
12 10
3 3 0p F
C 2
603
4 7 0 n F
C 3
805
D F S B
J 9
F IC H E 2 M M
10 0 p F
C 1
603
3 3 0p F
C 5
603
47 K
Ω
R 12
603
D G N D
J 2 0
F IC H E 2M M
10 n F
C 12
603
3 3 0p F
C 11
603
47 K
Ω
R 14
603
D V C C
J 15
F IC H E 2M M
10 n F
C 3 9
603
3 3 0p F
C 30
603
47 K
Ω
R11
6 0 3
G n d B 1
J 2 2
F ICH E 2 M M
10 n F
C 15
603
3 3 0p F
C 17
603
47 K
Ω
R a j1
V R 5
G n d B 2
J 2 1
F IC H E 2 M M
10 n F
C 4 0
603
3 3 0p F
C 14
603
47 K
Ω
R10
6 0 3
M e s c o m m o d e J 8
F ICH E 2 M M
10 n F
C 2 7
603
47 u F
C 3 6
C A P
47 K
Ω
R19
6 0 3
O E B
J 10
F ICH E 2 M M
10 n F
C 4
603
47 u F
C 3 4
C A P
47 K
Ω
R 13
603
R e g l co m m o d e J 7
F IC H E 2M M
10 n F
C 2 1
603
47 u F
C 3 5
C A P
47 K
Ω
R15
6 0 3
T 2 - A T 1- 1W T
T 2
ADT
10 n F
C 3 1
603
47 u F
C 4 2
C A P
47 K
Ω
R16
6 0 3
T 2 - A T 1- 1W T
T 1
ADT
10 n F
C 6
603
4 7 0n F
C 22
805
47 K
Ω
R 17
603
V c cB 1
J 18
F IC H E 2 M M
10 n F
C 9
603
4 7 0n F
C 32
805
47 K
Ω
R18
6 0 3
V D D B U F F 3 V
J 17
F ICH E 2 M M
10 n F
C 18
603
4 7 0n F
C 37
805
50
Ω
R 3
603
V in
J 1
S M B / H
1K
Ω
R 2
603
4 7 0n F
C 38
805
50
Ω
R 1
603
V r e f M
J 5
F IC H E 2M M
32P IN
J6
ID C 3 2
4 7 0n F
C 13
805
7 4 L C X 5 7 3 U 3
T S S O P 2 0
V r e fP
J 2
F IC H E 2 M M
330p F
C 25
603
4 7 0n F
C 28
805
7 4 L C X 5 7 3 U 2
T S S O P 2 0
T S A 0 8 0 1
U 1
T Q F P 48
330p F
C 26
603
4 7 0n F
C 10
805
C O N 2
J16
S I P 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com