Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5533MVM80 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC5533MVM80
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533MVM80 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC5533MVM80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Electrical Characteristics
MPC5533 Microcontroller Data Sheet, Rev. 0.0
Freescale Semiconductor
9
3.5
ESD (Electromagnetic Static Discharge) Characteristics
3.6
Voltage Regulator Controller (VRC) and Power-On Reset (POR)
Electrical Specifications
The following table lists the VRC and POR electrical specifications:
Table 5. ESD Ratings 1, 2
1 All ESD testing conforms to CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2 Device failure is defined as: ‘If after exposure to ESD pulses, the device does not meet the device specification requirements,
which includes the complete DC parametric and functional testing at room temperature and hot temperature.
Characteristic
Symbol
Value
Unit
ESD for human body model (HBM)
2000
V
HBM circuit description
R1
1500
Ω
C100
pF
ESD for field induced charge model (FDCM)
500 (all pins)
V
750 (corner pins)
Number of pulses per pin:
Positive pulses (HBM)
Negative pulses (HBM)
—
—
1
1
—
—
Interval of pulses
—
1
second
Table 6. VRC/POR Electrical Specifications
Spec
Characteristic
Symbol
Min.
Max.
Units
11.5 V (VDD) POR
1
Negated (ramp up)
Asserted (ramp down)
VPOR15
1.1
1.1
1.35
1.35
V
23.3 V (VDDSYN) POR
1
Asserted (ramp up)
Negated (ramp up)
Asserted (ramp down)
Negated (ramp down)
VPOR33
0.0
2.0
2.0
0.0
0.30
2.85
2.85
0.30
V
3
RESET pin supply
(VDDEH6) POR
1, 2
Negated (ramp up)
Asserted (ramp down)
VPOR5
2.0
2.0
2.85
2.85
V
4
VRC33 voltage
Before VRC allows the pass
transistor to start turning on
VTRANS_START
1.0
2.0
V
5
When VRC allows the pass transistor
to completely turn on 3, 4
VTRANS_ON
2.0
2.85
V
6
When the voltage is greater than the
voltage at which the VRC keeps the
1.5 V supply in regulation 5, 6
VVRC33REG
3.0
—
V
Current can be sourced
– 40o C11.0
—
mA
7
by VRCCTL at Tj:
25o CIVRCCTL
7
9.0
—
mA
150o C
7.5
—
mA
8
Voltage differential during power up such that:
VDD33 can lag VDDSYN or VDDEH6, before VDDSYN and VDDEH6 reach the
VPOR33 and VPOR5 minimums respectively.
VDD33_LAG
—1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com