Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5533MVM80 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC5533MVM80
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533MVM80 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC5533MVM80 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
MPC5533 Microcontroller Data Sheet, Rev. 0.0
Electrical Characteristics
Freescale Semiconductor
20
3.9
Oscillator and FMPLL Electrical Characteristics
Table 12. FMPLL Electrical Specifications
(VDDSYN = 3.0–3.6 V; VSS = VSSSYN = 0.0 V; TA = TL to TH)
Spec
Characteristic
Symbol
Minimum
Maximum
Unit
1
PLL reference frequency range: 1
Crystal reference
External reference
Dual controller (1:1 mode)
fref_crystal
fref_ext
fref_1:1
8
8
24
20
20
fsys ÷ 2
MHz
2
System frequency 2
fsys
f
ICO
(MIN) ÷ 2
RFD
fMAX
3
MHz
3
System clock period
tCYC
—1
÷ f
sys
ns
4
Loss of reference frequency 4
fLOR
100
1000
kHz
5
Self-clocked mode (SCM) frequency 5
fSCM
7.4
17.5
MHz
6
EXTAL input high voltage crystal mode 6
All other modes
[dual controller (1:1), bypass, external reference]
VIHEXT
VIHEXT
VXTAL + 0.4 V
(VDDE5 ÷ 2) + 0.4 V
—
—
V
V
7
EXTAL input low voltage crystal mode 7
All other modes
[dual controller (1:1), bypass, external reference]
VILEXT
VILEXT
—
—
VXTAL – 0.4 V
(VDDE5 ÷ 2) – 0.4 V
V
V
8XTAL current 8
IXTAL
0.8
3
mA
9
Total on-chip stray capacitance on XTAL
CS_XTAL
—1.5
pF
10
Total on-chip stray capacitance on EXTAL
CS_EXTAL
—1.5
pF
11
Crystal manufacturer’s recommended capacitive
load
CL
Refer to crystal
specification
Refer to crystal
specification
pF
12
Discrete load capacitance to connect to EXTAL
CL_EXTAL
—
(2
× C
L) – CS_EXTAL
– CPCB_EXTAL
9
pF
13
Discrete load capacitance to connect to XTAL
CL_XTAL
—
(2
× C
L) – CS_XTAL
– CPCB_XTAL
9
pF
14
PLL lock time 10
tlpll
—
750
μs
15
Dual controller (1:1) clock skew
(between CLKOUT and EXTAL) 11, 12
tskew
–2
2
ns
16
Duty cycle of reference
tDC
40
60
%
17
Frequency unLOCK range
fUL
–4.0
4.0
% fSYS
18
Frequency LOCK range
fLCK
–2.0
2.0
% fSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com