Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5533MVM80 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5533MVM80
Description  Microcontroller Data Sheet
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5533MVM80 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5533MVM80 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5533MVM80 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Electrical Characteristics
MPC5533 Microcontroller Data Sheet, Rev. 0.0
Freescale Semiconductor
15
31
Fast I/O weak pullup current 21
1.62–1.98 V
2.25–2.75 V
3.00–3.60 V
IACT_F
10
20
20
110
130
170
μA
μA
μA
Fast I/O weak pulldown current 21
1.62–1.98 V
2.25–2.75 V
3.00–3.60 V
10
20
20
100
130
170
μA
μA
μA
32
Slow and medium I/O weak pullup/down current 21
3.0–3.6 V
4.5–5.5 V
IACT_S
10
20
150
170
μA
μA
33
I/O input leakage current 22
IINACT_D
–2.5
2.5
μA
34
DC injection current (per pin)
IIC
–2.0
2.0
mA
35
Analog input current, channel off 23
IINACT_A
–150
150
nA
35a Analog input current, shared analog / digital pins
(AN[12], AN[13], AN[14], AN[15])
IINACT_AD
–2.5
2.5
μA
36
VSS to VSSA differential voltage
24
VSS – VSSA
–100
100
mV
37
Analog reference low voltage
VRL
VSSA – 0.1
VSSA + 0.1
V
38
VRL differential voltage
VRL – VSSA
–100
100
mV
39
Analog reference high voltage
VRH
VDDA – 0.1
VDDA + 0.1
V
40
VREF differential voltage
VRH – VRL
4.5
5.25
V
41
VSSSYN to VSS differential voltage
VSSSYN – VSS
–50
50
mV
42
VRCVSS to VSS differential voltage
VRCVSS – VSS
–50
50
mV
43
VDDF to VDD differential voltage
VDDF – VDD
–100
100
mV
43a VRC33 to VDDSYN differential voltage
VRC33 – VDDSYN
–0.1
0.1 25
V
44
Analog input differential signal range (with common mode 2.5 V)
VIDIFF
–2.5
2.5
V
45
Operating temperature range, ambient (packaged)
TA = (TL to TH)TL
TH
οC
46
Slew rate on power-supply pins
—
—
50
V/ms
1 V
DDE2 and VDDE3 are limited to 2.25–3.6 V only if EBTS = 0; VDDE2 and VDDE3 have a range of 1.6–3.6 V if EBTS = 1.
2 | V
DDA0 – VDDA1 | must be < 0.1 V.
3 V
PP can drop to 3.0 V during read operations.
4 If standby operation is not required, connect V
STBY to ground.
5 Applies to CLKOUT, external bus pins, and Nexus pins.
6 Maximum average RMS DC current.
7 Figure 3 shows an illustration of the I
DD_STBY values interpolated for these temperature values.
8 Average current measured on Automotive benchmark.
9 Peak currents can be higher on specialized code.
10 High use current measured while running optimized SPE assembly code with all channels of the eTPU running autonomously, plus
the eDMA transferring data continuously from SRAM to SRAM.
Table 9. DC Electrical Specifications (TA = TL – TH) (continued)
Spec
Characteristic
Symbol
Min
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com