Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5632MMLL60 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLL60
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLL60 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLL60 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
62
EVTO
Nexus
Output that provides timing to a development tool for a single
watchpoint or breakpoint occurrence.
MCKO
Nexus
MCKO is a free running clock output to the development tools
which is used for timing of the MDO and MSEO signals.
MDO[3:0]
Nexus
Trace message output to development tools. This pin also
indicates the status of the crystal oscillator clock following a
power-on reset, when MDO[0] is driven high until the crystal
oscillator clock achieves stability and is then negated.
MSEO[1:0]
Nexus
Output pin—Indicates the start or end of the variable length
message on the MDO pins
BOOTCFG[1]
SIU – Configuration
The BOOTCFG1 pin is sampled during the assertion of the
RSTOUT signal, and the value is used to update the RSR and
the BAM boot mode
The following values are for BOOTCFG[0:1}:
0 Boot from internal flash memory
1 FlexCAN/eSCI boot
WKPCFG
SIU – Configuration
The WKPCFG pin is applied at the assertion of the internal reset
signal (assertion of RSTOUT), and is sampled 4 clock cycles
before the negation of the RSTOUT pin.
The value is used to configure whether the eTPU and eMIOS
pins are connected to internal weak pull up or weak pull down
devices after reset. The value latched on the WKPCFG pin at
reset is stored in the Reset Status Register (RSR), and is
updated for all reset sources except the Debug Port Reset and
Software External Reset.
0: Weak pulldown applied to eTPU and eMIOS pins at reset
1: Weak pullup applied to eTPU and eMIOS pins at reset.
ETRIG[2:3]
SIU – eQADC Triggers
External signal eTRIGx triggers eQADC CFIFOx
IRQ[0:15]
SIU – External
Interrupts
The IRQ[0:15] pins connect to the SIU IRQ inputs. IMUX Select
Register 1 is used to select the IRQ[0:15] pins as inputs to the
IRQs.
Table 5. Signal details (continued)
Signal
Module or Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com