Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5632MMLL60 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC5632MMLL60
Description  Microcontroller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MMLL60 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC5632MMLL60 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5632MMLL60 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 106 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
66
VDDA
SR
Analog supply voltage5
Reference to VSSA
– 0.3
5.5
V
VDDE
SR
I/O supply voltage4,7
– 0.3
3.6
V
VDDEH
SR
I/O supply voltage5
– 0.3
5.5
V
VIN
SR
DC input voltage8
VDDEH powered I/O
pads
–1.09
VDDEH +0.3 V
10
V
VDDE powered I/O pads
–1.010
VDDE +0.3 V
11
VDDA powered I/O pads
–1.0
VDDA +0.3 V
VDDREG
SR
Voltage regulator supply
voltage6
– 0.3
5.5
V
VRH
SR
Analog reference high
voltage
Reference to VRL
– 0.3
5.5
V
VSS – VSSA
SR
VSS differential voltage
– 0.1
0.1
V
VRH – VRL
SR
VREF differential voltage
6
– 0.3
5.5
V
VRL – VSSA
SR
VRL to VSSA differential
voltage
– 0.3
0.3
V
VSSPLL – VSS
SR
VSSPLL to VSS differential
voltage
– 0.1
0.1
V
IMAXD
SR
Maximum DC digital input
current12
Per pin, applies to all
digital pins
– 3
3
mA
IMAXA
SR
Maximum DC analog input
current13
Per pin, applies to all
analog pins
—5
mA
TJ
SR
Maximum operating
temperature range14 – die
junction temperature
– 40.0
150.0
oC
TSTG
SR
Storage temperature range
– 55.0
150.0
oC
TSDR
SR
Maximum solder
temperature15
—
260.0
oC
MSL
SR
Moisture sensitivity level16
—3
—
1 Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress
ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect
device reliability or cause permanent damage to the device.
2 Allowed 2 V for 10 hours cumulative time, remaining time at 1.2 V +10%.
3 The V
FLASH supply is connected to VRC33 in the package substrate. This specification applies to calibration package
devices only.
4 Allowed 5.3 V for 10 hours cumulative time, remaining time at 3.3 V +10%.
5 Allowed 6.8 V for 10 hours cumulative time, remaining time at 5 V +10%.
6 The pin named as V
RC33 is internally connected to the pads VFLASH and VRC33 in the 144 LQFP package. These
limits apply when the internal regulator is disabled and VRC33 power is supplied externally.
7 All functional non-supply I/O pins are clamped to V
SS and VDDE, or VDDEH.
Table 8. Absolute maximum ratings1 (continued)
Symbol
Parameter
Conditions
Value
Unit
min
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com